Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA23097 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # RA23097
Description  Automotive PCB relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RA23097 Datasheet(HTML) 2 Page - ZETTLER Electronics

  RA23097 Datasheet HTML 1Page - ZETTLER Electronics RA23097 Datasheet HTML 2Page - ZETTLER Electronics RA23097 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RA2
Automotive PCB relays
Coil code
Rated voltage
VDC
Coil resistance
(±10%) at 20 °C
W
Coil operating range at 85 °C
VDC
max.
min.
Connections diagram (pin side view)
Coil data
Dimensions
Table 1
1005
1006
1009
1012
1015
1018
1024
1048
5
6
9
12
15
18
24
48
18
24
55
100
152
230
390
1 590
4,0
4,8
7,2
9,6
12,0
14,4
19,2
38,4
6,6
8,0
12,0
16,0
20,0
23,9
31,9
63,8
Max. DC resistive load breaking capacity
Fig. 1


Similar Part No. - RA23097

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
RA231PMC6 OKAYA-RA231PMC6 Datasheet
253Kb / 2P
   SURGE PROTECTIVE DEVICES
More results

Similar Description - RA23097

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RA2 WILLOW-RA2 Datasheet
360Kb / 3P
   Automotive PCB relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com