Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1619P1BCL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLF1619P1BCL
Description  2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1619P1BCL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLF1619P1BCL Datasheet HTML 1Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 2Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 3Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 4Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 5Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 6Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 7Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 8Page - Finisar Corporation. FTLF1619P1BCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLF1619P1xCL Pluggable SFP Product Specification – March 2006
F i n i s a r
IV.
Optical Characteristics (TOP = -10 to 70°C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr: 9/125 SMF
POUT
0
+5
dBm
1
Optical Wavelength
λ
1540
1570
nm
Spectral Width (-20dB)
σ
1
nm
Optical Extinction Ratio
ER
9
dB
Optical Modulation Amplitude
OMA
174
μW
2
Sidemode Supression ratio
SSRmin
30
dB
Optical Rise/Fall Time
tr/ tf
180
ps
3
Relative Intensity Noise
RIN
-120
dB/Hz
Deterministic Jitter Contribution
RX
Δ DJ
51.7
ps
4
Total Jitter Contribution
RX
Δ TJ
122.4
ps
Receiver
Average Rx Sensitivity @ 2.125
Gb/s (2X Fibre Channel)
RSENS1
-28
dBm
5, 6
Average Rx Sensitivity @ 1.25 Gb/s
(Gigabit Ethernet)
RSENS2
-30
dBm
5, 6
Average Rx Sensitivity @ 1.062
Gb/s (1X Fibre Channel)
RSENS1
-30
dBm
5, 6
Maximum Input Power
PMAX
-9
dBm
Optical Center Wavelength
λ
C
1270
1600
nm
LOS De-Assert
LOSD
-28
dBm
LOS Assert
LOSA
-41
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2.
Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average
power.
3.
Unfiltered, 20-80%. Complies with IEEE 802.3 (Gig. E), FC 1x and 2x eye masks when filtered.
4.
Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.
Δ
5.
Measured with conformance signals defined in FC-PI-2 Rev. 10.0 specifications.
6.
Measured with PRBS 2
7-1 at 10-12 BER
© Finisar Corporation March 30, 2006 Rev A
Page 4


Similar Part No. - FTLF1619P1BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1619P1CL FINISAR-FTLF1619P1CL Datasheet
738Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
logo
Frontier Electronics.
FTLF1619P1XCL FRONTIER-FTLF1619P1XCL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1619P1XCL FINISAR-FTLF1619P1XCL Datasheet
738Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results

Similar Description - FTLF1619P1BCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1619P1CL FINISAR-FTLF1619P1CL Datasheet
738Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1CL FINISAR-FTLF1419P1CL Datasheet
768Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2CL FINISAR-FTLF1318P2CL Datasheet
747Kb / 10P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2WTL FINISAR-FTLF1318P2WTL Datasheet
760Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2XTL FINISAR-FTLF1318P2XTL Datasheet
808Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com