Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

305PSB850K2R Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 305PSB850K2R
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

305PSB850K2R Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  305PSB850K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 6Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 7Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 8Page - Illinois Capacitor, Inc. 305PSB850K2R Datasheet HTML 9Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
180
®
PSB/
RSB
Radial Leaded Polypropylene
Film Capacitors with Double
Sided Metallized Electrodes
±10% at 1kHz, 25°C
±5% optional
Capacitance Tolerance
PSB: -40°C to +85°C (+100°C observing voltage and current de-rating)
RSB: -40°C to +85°C
Life Expectancy
Surge/AC Voltage
(RMB)
WVDC
Dissipation Factor (tan
δ)
@1kHz, 25°C
Terminal to Terminal
700
850
1000
1200
1500
2000
2500
3000
Operating Temperature Range
For T>+85°C the rated voltage must be de-rated by 1.25%/°C
160% of VDC applied for 10 Seconds and 25°C
200% of VDC applied for 2 Seconds and 25°C
Dielectric Strength
≥100000 hours for WVDC,
≥30000 hours for VAC at 70°C
<1 nano-Henry per mm of lead spacing and lead length
Terminal to Case
3KVAC @ 50/60Hz applied for 60 Seconds
at 25°C
1.5xCxdv/dt
I High Current
I High Voltage
I Snubber
I IGBT Modules
I Multiple Lead Styles
I High Pulse
I Energy Conversion
I Power Semiconductor Circuits
SPECIFICATIONS
FEATURES
APPLICATION
SVDC
VAC
420
500
575
630
650
700
725
750
1100
1300
(1200)
1550
(1300)
1750
(1600)
2200
2600
(2400)
3300
4000
(3500)
C
≤1.0µF
C>1.0µF
.05%
.06%
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
30000M
Ω x µF
(Not to exceed 30G
Ω)
Self Inductance
Lead Terminations
Coating
Double Metallized film with polypropylene film and internal series connections
Peak Current
Failure Quota
300/1x109 component hours
Long Term Stability
<1% after 2 years at standard environmental conditions
Construction
Flame retardant plastic box with epoxy end fill (UL94V-0)
Lead free tinned copper leads (RoHS compliant)


Similar Part No. - 305PSB850K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305PSB850K2R ILLINOISCAPACITOR-305PSB850K2R Datasheet
433Kb / 11P
   Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 305PSB850K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com