Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106PHB250K4H Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106PHB250K4H
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106PHB250K4H Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106PHB250K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 6Page - Illinois Capacitor, Inc. 106PHB250K4H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
196
®
PHB
Metallized Polypropylene Film
Capacitors for Switching
Circuits 2, 4 or 6 leaded
Switching capacitor for industrial controls
SMPS
Induction heaters
High end audio
Motor speed control
Resonant circuits
High frequency electronic ballasts
Operating Temperature
Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Peak Current - IPEAK
(Non-repetitive)
Dielectric Strength
200% of rated VDC for 10 seconds at 20°C between leads,
3kV at 60Hz for 60 seconds between leads and case.
Self inductance
<1nH/mm of body length and lead wire length.
Capacitance drift
<1.0% up to 40˚C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Life Expectancy
≥ 30000 hours @VAC at 70°C
Capacitance change (typical) -5%
≥100,000 hours @WVDC at 70°C
Failure rate
300/billion component hours
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Metallized film with internal series connections for VDC = 850VDC
Leads
Tinned copper leads.
Coating
Solvent resistant proof plastic box (UL 94V-1)
with epoxy end fills (UL 94V-0)
250
330
400
600
700
850
400
500
600
800
1000
1200
160
200
250
330
400
450
VDC
SVDC
VAC
Rated Voltage
Freq (kHz)
C
≤5µF
5µF<C
≤30µF
C>30µF
1
.05%
.08%
.1%
-40˚C to +85˚C
>30,000M
Ω x µF
not to exceed 30,000M
IPEAK
= 1.5*C*dv/dt Maximum
2 leads - standard current carrying capability
4 leads - increased current carrying capability
6 leads - maximum current carrying capability


Similar Part No. - 106PHB250K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106PHB250K4H ILLINOISCAPACITOR-106PHB250K4H Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 106PHB250K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com