Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLX3811M345 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX3811M345
Description  RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3811M345 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX3811M345 Datasheet HTML 1Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 2Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 3Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 4Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 5Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 6Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 7Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 8Page - Finisar Corporation. FTLX3811M345 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
F i n i s a r
Product Specification
RoHS-6 Compliant
10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M3xx
PRODUCT FEATURES
• Supports 9.95Gb/s to 11.1Gb/s
bit rates
• Hot-pluggable XFP footprint
• Maximum link length of 80km
• RoHS-6 compliant (lead-free)
• Temperature-stabilized DWDM-rated
EML transmitter
• 100GHz ITU Grid, C-Band
• Duplex LC connector
• Power dissipation <3.5W
• Built-in digital diagnostic functions
• Temperature range: -5°C to 70°C
APPLICATIONS
• DWDM 10Gb/s SONET/SDH
ITU-T G.698.1 S-D100S1-2D
• DWDM 10Gb/s SONET/SDH
ITU-T G.709
• DWDM 80km 10G Ethernet
• DWDM 80km 10G Fibre Channel
DWDM 80km 10G Ethernet with FEC
Finisar’s 80km FTLX3811M3xx Small Form Factor 10Gb/s (XFP) transceivers comply with the
current XFP Multi-Source Agreement (MSA) Specification
1. They exceed the requirements for
DWDM 10Gb/s SONET/SDH interfaces per ITU-T G.698.1 S-D100S1-2D, and support DWDM
10-Gigabit Ethernet, 10-Gigabit Fibre Channel, and 10-Gigabit Ethernet with FEC applications.
Digital diagnostics functions are available via a 2-wire serial interface, as specified in the XFP
MSA. The transceiver is RoHS compliant and lead free per Directive 2002/95/EC
3, and Finisar
Application Note AN-2038
4.
PRODUCT SELECTION
FTLX3811M3xx
xx: 100GHz ITU-T channel (see next page)
© Finisar Corporation 28-September-2007
Rev B2
Page 1


Similar Part No. - FTLX3811M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811M345 FINISAR-FTLX3811M345 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3811M345

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com