Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

256PHB250K4J Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 256PHB250K4J
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256PHB250K4J Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  256PHB250K4J Datasheet HTML 1Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 2Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 3Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 4Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 5Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 6Page - Illinois Capacitor, Inc. 256PHB250K4J Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PHB
+85°C Metallized
Polypropylene Capacitor
PHYSICAL DIMENSIONS
250
(160)
µF
WVDC
(VAC)
Convert to inches, divide by 25.4
2 Lead Construction
0.1
26.5x16x7
32x17x9
0.15
26.5x16x7
26.5x18.5x10
32x20x11
0.22
26.5x16x7
26.5x17x8.5
26.5x22x13
32x20x11
0.33
26.5x17x8.5
26.5x20x11
32x22x13
32x20x11
0.47
26.5x16x7
26.5x18.5x10
32x22x13
32x24.5x15
32x20x11
0.68
26.5x16x7
26.5x18.5x10
26.5x22x13
32x24.5x15
32x33x18
32x20x11
32x20x11
1
26.5x16x7
26.5x18.5x10
26.5x20x11
32x22x13
32x33x18
32x37x22
32x20x11
42.5x28x17
1.5
26.5x17x8.5
32x20x11
32x22x13
32x28x14
32x37x22
42.5x30x22
32x20x11
42.5x28x17
2
26.5x20x11
32x22x13
32x24.5x15
32x33x18
32x37x22
42.5x37x28
32x20x11
42.5x30x22
2.2
26.5x20x11
32x22x13
32x24.5x15
32x33x18
42.5x30x22
42.5x37x28
32x20x11
2.5
32x20x11
32x22x13
32x24.5x15
42.5x37x28
3
32x22x13
32x24.5x15
32x33x18
32x37x22
42.5x37x28
42.5x45x30
42.5x30x22
3.3
32x22x13
32x24.5x15
32x33x18
32x37x22
42.5x37x28
42.5x45x30
42.5x30x22
4
32x22x13
32x33x18
42.5x37x28
42.5x45x30
57.5x45x30
4.7
32x28x14
32x33x18
32x37x22
42.5x37x28
42.5x45x30
57.5x45x30
42.5x28x17
5
32x28x14
32x33x18
32x37x22
42.5x37x28
42.5x45x30
42.5x30x22
5.6
57.5x50x35
6
57.5x45x30
57.5x50x35
6.8
32x33x18
32x37x22
42.5x30x22
42.5x45x30
57.5x45x30
42.5x28x17
8
57.5x50x35
9
42.5x45x30
57.5x50x35
10
32x33x18
42.5x37x28
57.5x45x30
42.5x28x17
15
42.5x30x22
42.5x37x28
42.5x45x30
57.5x50x35
20
42.5x37x28
42.5x45x30
57.5x45x30
22
42.5x37x28
57.5x50x35
25
42.5x37x28
57.5x45x30
57.5x50x35
30
42.5x45x30
57.5x45x30
33
42.5x45x30
57.5x50x35
35
57.5x50x35
40
57.5x45x30
57.5x50x35
50
57.5x50x35
60
57.5x50x35
400
(250)
330
(200)
600
(330)
700
(400)
850
(450)
LxHxT mm
2 Lead Construction
L
T
H
d
5±1
S±0.4
L
H
T
S
d
32
≤20
≤11
27.5
0.8
32
>24.5
≤18
27.5
1.2
42.5
≥45
≤30
37.5
1.2
57.5
≤50
≤35
52.5
1.2
32
20<H
≤24.5
≤18
27.5
1.0
197


Similar Part No. - 256PHB250K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256PHB250K4J ILLINOISCAPACITOR-256PHB250K4J Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 256PHB250K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com