Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

305PPA102KS Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 305PPA102KS
Description  Polypropylene Film Capacitors for Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

305PPA102KS Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  305PPA102KS Datasheet HTML 1Page - Illinois Capacitor, Inc. 305PPA102KS Datasheet HTML 2Page - Illinois Capacitor, Inc. 305PPA102KS Datasheet HTML 3Page - Illinois Capacitor, Inc. 305PPA102KS Datasheet HTML 4Page - Illinois Capacitor, Inc. 305PPA102KS Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
218
®
PPA
PHYSICAL DIMENSIONS
2,000
(630)
Convert to inches, divide by 25.4
3,000
(750)
+ 85°C Metallized
Polypropylene
Capacitor
DxL (mm)
850
(450)
1,200
(500)
1,500
(575)
1000
(480)
2500
(700)
3
29.5x59
34x59
38x59
42x59
31x55
36x55
40.5x55
35x46
3.3
30.5x59
35x59
40x59
32x55
37x55
36x46
4
33x59
38.5x59
34.5x55
40.5x55
4.7
35.5x59
41.5x59
37.5x55
5.6
38.5x59
41x55
6.8
42x59
18<D
≤24
d
0.8
1.0
1.2
L
Max
35.0 MIN
35.0 MIN
d
D
Max
D
≤18
>24
700
(380)
WVDC
(VAC)
µF


Similar Part No. - 305PPA102KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305PPA102KS ILLINOISCAPACITOR-305PPA102KS Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
More results

Similar Description - 305PPA102KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com