Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

478TMA035M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 478TMA035M
Description  105째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

478TMA035M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  478TMA035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 478TMA035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 478TMA035M Datasheet HTML 3Page - Illinois Capacitor, Inc. 478TMA035M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
101
®
Operating Temperature Range
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
.28
.24
.20
.16
.14
.12
.10
.09
.20
.20
.20
.20
.25
.25
1 minute
1 minute
Load Life
1,000 hours at 105°C with rated WVDC
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
FEATURES
TMA
+105°C Standard Axial
Lead Aluminum
Electrolytic
Capacitors
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf life
.03 CV or 4 µA
whichever is greater
1,000 hours at 105°C with no voltage applied.
Units will meet load life specification.
-40°C to +105°C
Dissipation Factor
120Hz, 20°C (Max)
tan
δ
WVDC
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
6
10
16
25
35
50
63
100
160
200
250
350
400
450
54
3
2
2
2
22
3
3
3
3
3
5
12
10
8
6
5
4
4
4
6
6
6
6
6
-
WVDC
≤ 100 WVDC
100 < WVDC
≤ 450
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel Epoxy end seal
CV
≤ 1000
CV> 1000
.01 CV + 40 µA
.04 CV + 100µA
I High ripple current ratings
I Wide capacitance range:
0.47 µF to 22,000 µF
I Voltage range: 6.3 WVDC to 450 WVDC
I Solvent tolerant end seals standard
(
≤ 250 WVDC)
For long life/Extended Temperature Applications
Time
WVDC
Capacitance
(µF)
Frequency (Hz)
50
.75
.8
.85
120
1.0
1.0
1.0
400
1.35
1.23
1.10
1k
1.57
1.34
1.13
10k
2.0
1.5
1.15
C
≤47
100
≤C≤470
C>470
Temperature (C°)
+105
1.0
1.0
1.0
+85
1.4
1.4
1.4
+70
1.62
1.62
1.62
Ripple Current Multipliers
(See Pages 33 thru 37)
-25°C to
+105°C


Similar Part No. - 478TMA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
478TMA035M ILLINOISCAPACITOR-478TMA035M Datasheet
267Kb / 3P
   Extended Life, 2000 hours
478TMA035M ILLINOISCAPACITOR-478TMA035M Datasheet
261Kb / 3P
   Extended Life - High voltage
478TMA035M ILLINOISCAPACITOR-478TMA035M Datasheet
114Kb / 1P
   AXIAL LEAD
More results

Similar Description - 478TMA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com