Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-1629-50 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTR-1629-50
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1629-50 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTR-1629-50 Datasheet HTML 2Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 3Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 4Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 5Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 6Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 7Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 8Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 9Page - Finisar Corporation. FTR-1629-50 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FTR-1629-XX DWDM GBIC Preliminary Product Specification – June 2003
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 6
Rev D, June 2003
V.
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to
approximately 0.8 nm
Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from
max
Transmitter Center Wavelength –
End of Life
λ
c
X - 100
X
X + 100
pm
X = specified center
wavelength
Transmitter Center Wavelength –
Start of Life
λ
c
X -80
X-50
X-20
pm
X = specified center
wavelength
Side Mode Suppression Ratio
(SMSR)
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
200
ps
Unfiltered, 80% -20%
Transmitter Optical Output Power
Pout
0
+3
dBm
Average power coupled
into single mode fiber
Transmitter Extinction Ratio
OMI
9
dB
Transmitter Eye Opening
40
%
IEEE 802.3 and Fibre
Channel Eye Mask
Margin
Total Transmitter Jitter
100
ps
Peak to peak, filtered
RECEIVER CHARACTERISTICS
Receiver Jitter Generation
100
ps
Peak to peak, -25 d Bm
RX power
Optical Input Wavelength –
DWDM C-Band
Pin
1450
1620
nm
Optical Input Power
(BER < 10
-9)
Pin
- 30
-7
dBm
1.25Gb/s w/
PRBS 2
7 -1
Optical Input Power
(BER < 10
-12)
Pin
- 28
-7
dBm
1.25Gb/s w/
PRBS 2
7 -1
Optical Input Power –
Receiver Damage Threshold
6
dBm
Receiver Reflectance
RRX
-14
dB
Power Penalty
3.0
dB
See note 3
Note 1: Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
Note 2: All parameters are measured on a Finisar GBIC Evaluation Card unless otherwise noted.
Note 3: Measured in loop back at BER= 10
-12 with 3600 ps/nm dispersion, 20dB ONSR, 1.25Gb/s data rate, and
PRBS 2
7 –1 pattern.
Table 6. Optical Parameters


Similar Part No. - FTR-1629-50

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1629-50

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com