Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14002-3 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 14002-3
Description  Barrier Terminal Blocks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

14002-3 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  14002-3 Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
133
Series 14002
Barrier Terminal Blocks
SPECIFICATIONS
Rating: 115A, 600V
Poles: 2-6 poles
Wire Range: #2-14 AWG CU / #2-8 AWG AL
Torque Rating: 40-50 in-lb.
Operating Temperature: 150°C
Marking: Marking strip optional, consult factory.
Options: CP = pressure plate, rated 60A, 600V
Q = quick-connect, rated 50A, 600V
To order options, enter letter code in front of
Part No.: ie; CP14002-2
Breakdown Voltage:
Agency Information: UL/CSA; CE Certified
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
Note: “A” dimension for 14002-2 & 14002-3 only. (14002-2 &
14002-3 have only two mounting holes.)
Part
Number
14002-2
14002-3
14002-4
14002-5
14002-6
A
1.75
2.37
3.34
3.96
4.59
B
1.59
2.21
2.84
Series 14004
Dead Front Terminal Blocks
SPECIFICATIONS
Rating: 90A, 600V
Poles: 2 to 12 poles
Wire Range: #4-14 AWG CU / #4-8 AWG AL
Torque Rating: 4-6AWG 35 in-lb., 8AWG 25 in-lb., 10-14AWG 20 in-lb.
Operating Temperature: 75°C
Marking: Marking strip optional, consult factory.
Agency Information: UL/CSA; CE Certified
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
Part
Number
14004-2
14004-3
14004-4
14004-5
14004-6
14004-7
14004-8
14004-9
14004-10
14004-11
14004-12
A
1.81
2.31
2.81
3.31
3.81
4.31
4.81
5.31
5.81
6.31
6.81
B
1.43
1.93
2.43
2.93
3.43
3.93
4.43
4.93
5.43
5.93
6.43
.37
(9.4)
1.25
(31.8)
.17 (4.3) dia. holes
with .34 (8.6) dia. x
.75 (19.1) deep c'bore
.75
(19.1)
1.50
(38.1)
.87
(22.1)
.39
(9.90)
.96
(24.38)
.62
(15.74)
A
B
A*
1.12
(28.4)
.21 (5.3)
dia. holes
.75
(19.1)
1.50
(38.1)
.65
(16.5)
.18
(4.8)
.50
(12.7)
.50
(12.7)
A
B


Similar Part No. - 14002-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
14002-3 ETC1-14002-3 Datasheet
637Kb / 2P
   high SCCR barrier terminal block
More results

Similar Description - 14002-3

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
52F188-002-A APITECH-52F188-002-A Datasheet
371Kb / 3P
   Barrier Strip Filtered Terminal Blocks
logo
Spectrum Microwave, Inc...
52-188-002-A SPECTRUM-52-188-002-A Datasheet
124Kb / 2P
   Barrier Strip Filtered Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Tyco Electronics
1437416-2 MACOM-1437416-2 Datasheet
17Mb / 69P
   BUCHANAN Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
SMD WAGO-SMD Datasheet
1,015Kb / 8P
   SMD Terminal Blocks
06/2014
logo
Adam Technologies, Inc.
E333935 ADAM-TECH-E333935 Datasheet
38Kb / 2P
   Terminal Blocks - Component
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
National Instruments Co...
777687-00 NI-777687-00 Datasheet
729Kb / 9P
   SCXI Terminal Blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com