Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KR-5R5H155-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # KR-5R5H155-R
Description  Coin Cell Supercapacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KR-5R5H155-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  KR-5R5H155-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KR-5R5H155-R Datasheet HTML 2Page - Cooper Bussmann, Inc. KR-5R5H155-R Datasheet HTML 3Page - Cooper Bussmann, Inc. KR-5R5H155-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Manufacturer
Capacitance (F)
Max. Operating Voltage (V)
Polarity Marking
Standard packaging: Bulk, 500 units per package.
For 0.1F to 0.47F 500 units per bag.
For 1.0F to 1.5F 100 units per tray, 5 trays per box
Part Marking
Packaging Information
Part Numbering System
KR
5
R
5
R
Series
Version
Voltage (V)
Configuration
Capacitance (µF)
Code
R is decimal
K = Coin
V = Vertical
Value
Multiplier
RoHS
Cell
R = Leaded
5R5 = 5.5V
H = Horizontal
Example:
Compliant
C = Cylindrical
474 = 47 x 10
4µF or 0.47F
© 2008 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0508
BU-SB07355
Page 4 of 4
Data Sheet 4327
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice,
to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the
Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the user.
North America
Cooper Bussmann
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Bussmann
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Bussmann
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Bussmann
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160


Similar Part No. - KR-5R5H155-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KR-5R5H155-R EATON-KR-5R5H155-R Datasheet
643Kb / 5P
   Coin cells
More results

Similar Description - KR-5R5H155-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KW-5R5C104-R COOPER-KW-5R5C104-R_14 Datasheet
830Kb / 4P
   Coin cell supercapacitors
KW-5R5C104-R COOPER-KW-5R5C104-R Datasheet
264Kb / 2P
   Coin Cell Supercapacitors
logo
List of Unclassifed Man...
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
   Coin Cell Holder
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
   Coin Cell Capacitors
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
   Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
   Coin Cell Holder
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
List of Unclassifed Man...
BH401 ETC1-BH401 Datasheet
71Kb / 1P
   COIN CELL HOLDER
DS-2R5H204T614-H2L ETC2-DS-2R5H204T614-H2L Datasheet
101Kb / 1P
   Coin Cell Capacitors
logo
Dubilier
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
   LITHIUM COIN CELL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com