Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7021-04-X Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # C7021-04-X
Description  Power Feed Thru Terminal Block
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C7021-04-X Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  C7021-04-X Datasheet HTML 1Page - Cooper Bussmann, Inc. C7021-04-X Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30.0
(1.18)
1.6
(R.06)
OPTION 2
17.5 TYP
(0.69)
24.0
(0.94)
14.5 TYP
(0.57)
14.5 TYP
(0.57)
Blind Hole for #6
Thread Cutting
Screw
15.0 TYP
(0.59)
33.0
(1.30)
12.7
(0.50)
14.2
( ¿.56)
POTION 1
E
A
B
9.6
(0.38)
28.0
(1.10)
¿12.2 TYP
(0.48)
55.7
(2.19)
12.5
(0.49)
fl 9.0 TYP
(0.35)
D
A
C
15.8
(0.62)
5.4
(0.21)
7.9
(0.31)
1/4-20 UNC-2A
Thread TYP
15.8
(0.62)
MAGNUM® is pleased to introduce a UL and CUL recognized,
power feed through terminal block. The C7021 Series block
has rows of two 1/4-20 studs which are capable of accom-
modating the industry standard two-hole compression lugs on
5/8" centers. The block is rated at 300V and 175A when using
both studs in parallel or 115A using a single stud per line.
The C7021 is manufactured using a durable UL 94V-0 ther-
moplastic in order to minimize barrier breakage. The block
can be mounted using four #6 thread cutting screws that
mount from the backside or using the optional mount ends
to secure the block to the panel from the front. Additional
hardware and optional dead-front covers (Part No.
CSB7021-XX) are also available.
APPLICATIONS
The C7021 terminal block is intended for use in applications
requiring up to 175A utilizing a 2-hole compression lug on
5/8" centers. It is ideal for use as an input/output block for
telecommunications power panels, or anywhere in which
-eliminating busbars would be an advantage.
SPECIFICATIONS
Ratings: 175A* per pole, 300V.
Center Spacing: 0.690" (17.5mm)
Wire Range: AWG #2/0-8
Number of Poles: 2-6
Bolt Hole Spacing: 0.625" (15.88mm)
Stud: Standard 1/4-20 stud or optional M6 stud.
Mounting: Optional mounting ears.
Stud Material: Brass, Tin Plated.
Torque Rating: 36 in-lb
Operating Temperature: 130°C
Agency Information: UL/CSA; CE Certified
*175 achieved using both studs in parallel, 115A using a single stud per line.
Series C7021
Power Feed Thru Terminal Block
Part
A
B
C
D
E
No.
C7021-01-X
C7021-02-X
17.5 (0.69)
-
54.4 (2.14)
67.3 (2.65)
31.8 (1.25)
C7021-03-X
34.9 (1.37)
-
70.9 (2.83)
84.8 (3.34)
49.2 (1.94)
C7021-04-X
52.3 (2.06)
-
89.3 (3.52)
102.2 (4.02)
66.7 (2.63)
C7021-05-X
69.8 (2.75)
-
106.8 (4.20)
119.7 (4.71)
84.2 (3.31)
C7021-06-X
87.2 (3.44)
-
124.2 (4.89)
134.1 (5.40)
101.7 (4.00)
C7021-01N-X
C7021-02N-X
17.5 (0.69)
36.1 (1.42)
-
-
31.8 (1.25)
C7021-03N-X
34.9 (0.69)
53.5 (2.11)
-
-
49.2 (1.94)
C7021-04N-X
52.3 (2.06)
71.0 (2.80)
-
-
66.7 (2.63)
C7021-05N-X
69.8 (2.75)
88.4 (3.48)
-
-
84.2 (3.31)
C7021-06N-X
87.2 (3.44)
105.9 (4.17)
-
-
101.7 (4.00)
Series
Poles
01 – 1 pole (2 studs)
02 – 2 pole (4 studs)
03 – 3 pole (6 studs)
04 – 4 pole (8 studs)
05 – 5 pole (10 studs)
06 – 6 pole (12 studs)
Mount Ends
Blank – Mount ends
N – No mount ends
Studs
Blank – Standard
1/4 – 20 studs
M6 – M6 studs
Hardware
Blank – No hardware
0 – Bulk pack, one set
1 – Bulk pack, two sets
2 – Assembled, bottom
3 – Assembled, top
4 – Assembled, both sets
Part Numbering System
Inches (Millimeters)
C7 0 2 1
OPTION 1
PANEL CUTOUTS
141


Similar Part No. - C7021-04-X

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C7021-02N-1 COOPER-C7021-02N-1 Datasheet
94Kb / 1P
   Power Feed Through Terminal Blocks
More results

Similar Description - C7021-04-X

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
160-2141 CAMBION-160-2141 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru, thru hole
160-1464 CAMBION-160-1464 Datasheet
28Kb / 1P
   Solder terminal, turreted, feed thru
571-4188 CAMBION-571-4188 Datasheet
29Kb / 1P
   Insulated solder terminal, Feed thru
570-1990 CAMBION-570-1990 Datasheet
42Kb / 1P
   Insulated solder terminal, Feed thru
160-1041 CAMBION-160-1041 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru
160-2000 CAMBION-160-2000 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru
570-2012 CAMBION-570-2012 Datasheet
43Kb / 1P
   Insulated solder terminal, Feed thru
571-4161 CAMBION-571-4161 Datasheet
29Kb / 1P
   Insulated solder terminal, Feed thru
160-1042 CAMBION-160-1042 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru
160-1043 CAMBION-160-1043 Datasheet
29Kb / 1P
   Solder terminal, turreted, feed thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com