Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPJ-70SPI Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # LPJ-70SPI
Description  Dual-Element, Time-Delay Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPJ-70SPI Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  LPJ-70SPI Datasheet HTML 1Page - Cooper Bussmann, Inc. LPJ-70SPI Datasheet HTML 2Page - Cooper Bussmann, Inc. LPJ-70SPI Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bussmann®
LOW-PEAK®
LPJ_SPI
Dual-Element, Time-Delay Fuses
70-600A
Class J – 600 Volt
Form No. LPJ 70-600
Page 2 of 3
Data Sheet: 1063
8-26-04
SB04295
AMPERE
RATING
300
100
10
1
.1
.01
CURRENT IN AMPERES
200
Time-Current Characteristic Curves–Average Melt


Similar Part No. - LPJ-70SPI

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
   Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
More results

Similar Description - LPJ-70SPI

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
   Dual-Element Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
   Dual-Element Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
List of Unclassifed Man...
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
   dual element, time-delay fuses
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
   dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
   Dual-Element, Time-Delay Fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
   Dual-element time-delay glass fuses
logo
Cooper Bussmann, Inc.
DLS-R-1 COOPER-DLS-R-1 Datasheet
174Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
DLN-R-1 COOPER-DLN-R-1 Datasheet
272Kb / 3P
   Dual-Element, Time-Delay Construction Grade Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
   Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com