Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1421S1KCL Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLF1421S1KCL
Description  OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1421S1KCL Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLF1421S1KCL Datasheet HTML 2Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 3Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 4Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 5Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 6Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 7Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 8Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 9Page - Finisar Corporation. FTLF1421S1KCL Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FTLF1421S1XCL 2x10 Pin SFF Product Specification – March 2006
F i n i s a r
© Finisar Corporation March, 2006 Rev A
Page 6
VIII. Analog Diagnostics Functions (Top = -10 to 70 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Monitor photodiode current monitor
Pmon+,
Pmon-
0
Vcc
V
1
Laser bias current monitor
Bmon+,
Bmon-
0
Vcc
V
2
Receiver
Received photocurrent
Rpd
0
1
mA
3
Photodiode responsivity
R
0.5
0.9
1.0
A/W
Applied voltage at PD pin
Vpd
2.4
Vcc
V
3
Notes:
1.
Pins 19 and 20 provide an analog voltage output proportional to the monitor photodiode current,
per the following formula: IBIAS = .V(Pmon+ - Pmon-) / 200Ω. The figure below shows the
equivalent circuit.
2.
Pins 17 and 18 provide an analog voltage output proportional to the laser bias current, per the
following formula: IBIAS = .V(Bmon+ - Bmon-) / 10Ω. The figure below shows the equivalent
circuit.
3.
Pin 1 is used to monitor the received photocurrent. It must be connected to a positive voltage
within the range specified above. The current that flows into this pin is the received photocurrent.
The received power is given by the photocurrent multiplied by the photodiode responsivity.
Vcc
10
3 K
3 K
Bmon+
Bmon-
Ibias
Vcc
200
3 K
3 K
Pmon+
Pmon-
Imon
Laser
Monitor
Photodidoe
Vpd
Receiver
Photodidoe
Ipd
Analog monitoring function connections.


Similar Part No. - FTLF1421S1KCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1421S1XCL FRONTIER-FTLF1421S1XCL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTLF1421S1KCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com