Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3189 Datasheet(PDF) 1 Page - ETAL Group

Part # P3189
Description  LINE MATCHING TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3189 Datasheet(HTML) 1 Page - ETAL Group

  P3189 Datasheet HTML 1Page - ETAL Group P3189 Datasheet HTML 2Page - ETAL Group P3189 Datasheet HTML 3Page - ETAL Group P3189 Datasheet HTML 4Page - ETAL Group P3189 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETALDOC 586/11
Page 1 of 5
April 2005
PRODUCT DATA SHEET
LINE MATCHING TRANSFORMER
P3189
Features
Applications
∗ Lead-free (Pb-free)
∗ Telecommunications
∗ RoHS compliant
∗ Voice
∗ 12.6mm (0.5") seated height
∗ Least-cost routers
∗ Environmentally tested to IEC 68
∗ V.22bis
∗ CERT reliability tested
∗ Industry Standard Pinout
∗ IEC 60950 and UL 60950 Certified
∗ UL Recognized Component
∗ High thermal stability
DESCRIPTION
P3189 is designed as a lower cost replacement for
industry standard P1200 and P3800 in applications
where some relaxation of transformer signal
distortion performance can be tolerated.
P3189 uses patented design and construction
methods to achieve excellent signal performance
and safety isolation to international standards. The
part is completely lead-free, compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional processing.
P3189 is certified to IEC 60950 and UL 1950.
P3189 is a UL Recognized Component and is
supported an IEC CB Test Certificate.
P3189 is a rugged lightweight design that has
been subjected to relevant environmental testing
according
to
IEC 68
and
Combined
Environmental Reliability Testing (CERT) beyond
normal operational levels and passed all tests,
remaining fully functional.
Patented


Similar Part No. - P3189

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
   3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
P318-06N-FMM TRIPPLITE-P318-06N-FMM Datasheet
155Kb / 2P
   3.5mm 4-Position Female to (x2) 3.5mm 3-Position Male Audio Headset Splitter Adapter, 6-in.
P318-06N-MFF TRIPPLITE-P318-06N-MFF Datasheet
156Kb / 2P
   3.5mm 3-Position Female (x2) to 3.5mm 4-Position Male Audio Headset Splitter Adapter, 6-in.
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
   3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
logo
ETAL Group
P3181 ETAL-P3181 Datasheet
108Kb / 5P
   ULTRA LOW DISTORTION MICROPROFILE SMD LINE MATCHING TRANSFORMER
More results

Similar Description - P3189

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3126 ETAL-P3126 Datasheet
140Kb / 4P
   LINE MATCHING TRANSFORMER
P2001 ETAL-P2001 Datasheet
123Kb / 5P
   LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
   LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
   LINE MATCHING TRANSFORMER
P5122 ETAL-P5122 Datasheet
113Kb / 4P
   LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
   LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
   LINE MATCHING TRANSFORMER
P1200 ETAL-P1200 Datasheet
121Kb / 5P
   LINE MATCHING TRANSFORMER
P2602 ETAL-P2602 Datasheet
164Kb / 5P
   LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
   Line Matching Transformer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com