Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP1105R1-R15-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # FP1105R1-R15-R
Description  High Current, Low-Profile Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP1105R1-R15-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  FP1105R1-R15-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP1105R1-R15-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP1105R1-R15-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP1105R1-R15-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
05-05-08
BU-SB08211
Page 3 of 4
Data Sheet: 4324
OCL vs. I
1
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
120%
% of I
1
+125°C
+25°C
-40°C
sat
sat
Core Loss vs. B
0.0001
0.001
0.01
0.1
1
10
0
0
0
0
1
0
0
0
1
0
0
1
B
(Gauss)
1MHz
500kHz
300kHz
200kHz
100kHz
p-p
p-p
Inductance Characteristics
Core Loss


Similar Part No. - FP1105R1-R15-R

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP11055 CREE-FP11055 Datasheet
910Kb / 13P
   Lisa series
logo
Ledil, Inc.
FP11055 LEDIL-FP11055 Datasheet
8Mb / 8P
   ~19째 spot beam
FP11056 LEDIL-FP11056 Datasheet
4Mb / 5P
   ~19째 spot beam optimized for LUXEON Rebel. 6.6 mm high variant with location pin installation.
More results

Similar Description - FP1105R1-R15-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
   High current, low profile power inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
   Low profile, high current power inductors
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
   Low profile, high current power inductors
logo
Cooper Bussmann, Inc.
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
   High Current, Low-Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
   Low profile, high current power inductors
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
   HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
   High current, low profile, miniature power inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
   High current, low profile, miniature power inductors
logo
Cooper Bussmann, Inc.
HC2LP-4R7-R COOPER-HC2LP-4R7-R Datasheet
187Kb / 2P
   HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
   High Current, Low Profile, Miniature Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com