Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCLF-8521-3 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FCLF-8521-3
Description  1000BASE-T Copper SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCLF-8521-3 Datasheet(HTML) 3 Page - Finisar Corporation.

  FCLF-8521-3 Datasheet HTML 1Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 2Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 3Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 4Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 5Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 6Page - Finisar Corporation. FCLF-8521-3 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FCLF-8520/8521-3 1000BASE-T SFP Product Specification
Finisar
II.
+3.3V Volt Electrical Power Interface
The FCLF-8520/8521-3 has an input voltage range of 3.3 V +/- 5%. The 4 V maximum
voltage is not allowed for continuous operation.
+3.3 Volt Electrical Power
Interface
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Supply Current
Is
320
375
mA
1.2W max power over
full range of voltage
and temperature.
See caution note below
Input Voltage
Vcc
3.13
3.3
3.47
V
Referenced to GND
Maximum Voltage
Vmax
4
V
Surge Current
Isurge
30
mA
Hot plug above steady state
current. See caution note
below
Caution: Power consumption and surge current are higher than the specified values in the SFP MSA
Table 2. +3.3 Volt electrical power interface
III. Low-Speed Signals
MOD_DEF(1) (SCL) and MOD_DEF(2) (SDA), are open drain CMOS signals (see
section VII, “Serial Communication Protocol”). Both MOD_DEF(1) and MOD_DEF(2)
must be pulled up to host_Vcc.
Low-Speed Signals,
Electronic Characteristics
Parameter
Symbol
Min
Max
Units Notes/Conditions
SFP Output LOW
VOL
0
0.5
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
SFP Output HIGH
VOH
host_Vcc - 0.5 host_Vcc + 0.3
V
4.7k to 10k pull-up to host_Vcc,
measured at host side of connector
SFP Input LOW
VIL
0
0.8
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of connector
SFP Input HIGH
VIH
2
Vcc + 0.3
V
4.7k to 10k pull-up to Vcc,
measured at SFP side of connector
Table 3. Low-speed signals, electronic characteristics
© Finisar Corporation December 16, 2005 RevB
Page 3


Similar Part No. - FCLF-8521-3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCLF-8521-3 FINISAR-FCLF-8521-3 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
ATGBICS by Approved Tec...
FCLF-8521-3-C ATGBICS-FCLF-8521-3-C Datasheet
185Kb / 7P
   FCLF-8521-3 Finisar Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ext Temp, 100m)
FCLF-8521-3-C ATGBICS-FCLF-8521-3-C Datasheet
186Kb / 7P
   FCLF-8521-3-(DL) Finisar Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
FCLF-8521-3-DL-C ATGBICS-FCLF-8521-3-DL-C Datasheet
186Kb / 7P
   FCLF-8521-3-(DL) Finisar Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - FCLF-8521-3

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
   1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF852P2BTL FINISAR-FCLF852P2BTL Datasheet
141Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCLF8522P2BTL_VO1 FINISAR-FCLF8522P2BTL_VO1 Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com