Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1333-AAA Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # 1333-AAA
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1333-AAA Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button 1333-AAA Datasheet HTML 6Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 7Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 8Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 9Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 10Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 11Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 12Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 13Page - Cooper Bussmann, Inc. 1333-AAA Datasheet HTML 14Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
High Speed Fuses
Bussmann
Fuses in Allen-Bradley Drives
TECHNICAL LITERATURE
3/11/2002
Model 1336 PLUS Adjustable Frequency AC Drive
0.37 - 448 kW (0.5 - 600 HP)
Maximum Short Circuit Rating is 200kA
Maximum Recommended AC Input Line Fuse Ratings (fuses are user supplied)
Drive Catalog
Rating
Number
kW
HP
200–240V
380–480V
500–600V
1336S-_ _ F05
0.37
0.5
6
3
1336S-_ _ F07
0.56
0.75
6
3
1336S-_ _ F10
0.75
1
10
6
6
1336S-_ _ F15
1.2
1.5
15
6
1336S-_ _ F20
1.5
2
15
10
10
1336S-_ _ F30
2.2
3
25
15
15
1336S-_ _ F50
3.7
5
40
20
20
1336S-_ _ F75
5.5
7.5
20
1336S-_ _ F100
7.5
10
30
1336S-_ _ 007
5.5
7.5
40
20
15
1336S-_ _ 010
7.5
10
50
30
20
1336S-_ _ 015
11
15
70
35
25
1336S-_ _ 020
15
20
100
45
35
1336S-_ _ 025
18.5
25
100
60
40
1336S-_ _ 030
22
30
125
70
50
1336S-_ _ 040
30
40
150
80
60
1336S-_ _ 050
37
50
200
100
80
1336S-_ _ X060
45
60
100
1336S-_ _ 060
45
60
250
125
90
1336S-_ _ 075
56
75
300
150
110
1336S-_ _ 100
75
100
400
200
150
1336S-_ _ 125
93
125
450
250
175
1336S-_ _ X150
112
150
250
1336S-_ _ 150
112
150
300
225
1336S-_ _ 200
149
200
400
350
1336S-_ _ 250
187
250
450
400
1336S-_ _ X300
224
300
400
Amps
Fuse Blocks
Disconnect Switches
KTK-R
0 to 30
BC6033B or OPM-NG-SC3
CFD30CC3
LPJ
0 to 30
J60030-3CR or JP60030-3CR
CFD30J3
35 to 60
J60060-3CR
CDF60J3
65 to 100
J60100-3CR
CFD100J3
110 to 200
J60200-3CR
FD200J3
225 to 400
J60400-3CR
FD400J3
450 to 600
J60600-3CR
FD600J3
JJS
0 to 30
T60030-3CR
35 to 60
T60060-3CR
65 to 100
T60100-3C
CFD100J3/BDTA1
110 to 200
T60200-1C
(Single pole blocks)
FD200J3/BDTA2
225 to 400
T60400-1C
(Single pole blocks)
FD400J3/BDTA4
450 to 600
T60600-1C
(Single pole blocks)
FD600J3/BDTA6
Use Bussmann LPJ, KTK-R or JJS Fuses


Similar Part No. - 1333-AAA

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
logo
Heyco.
1333 HEYCO-1333 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
logo
PHOENIX CONTACT
1333130 PHOENIX-1333130 Datasheet
175Kb / 5P
   USB cable - NBC-USB2.0-UAM/0,3-PVC/UAM
1333131 PHOENIX-1333131 Datasheet
176Kb / 5P
   USB cable - NBC-USB2.0-UAM/0,5-PVC/UAM
1333136 PHOENIX-1333136 Datasheet
176Kb / 5P
   USB cable - NBC-USB2.0-UAM/1,0-PVC/UAM
More results

Similar Description - 1333-AAA

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com