Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JX2-13SXAA1 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # JX2-13SXAA1
Description  10GBASE-SR X2 Optical Transceiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JX2-13SXAA1 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  JX2-13SXAA1 Datasheet HTML 1Page - JDS Uniphase Corporation JX2-13SXAA1 Datasheet HTML 2Page - JDS Uniphase Corporation JX2-13SXAA1 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
10GBASE-SR X2 OPTICAL TRANSCEIVER
Specifications
Parameter
JX2-13SMAA1 (Ethernet)
JX2-15SMAA1 (Fibre Channel)
Electrical Interface
Transmit signal input differential swing
160/2000 mVp-p
Receive signal output differential swing
800/1600 mVp-p
Control I/O signals
Low voltage TTL (3.3 V)
Optical
Wavelength
850 nm
Data rate(s)
10.3125 Gb/s and 10.51875 Gb/s
Distance
Up to 300 m
Maximum launch power into fiber (average)
-1.08 dBm
Minimum launch power into fiber (average)
-4.0 dBm
Transmitter and dispersion penalty (TDP)
Maximum
3.9 dB
Optical modulation amplitude (OMA)
Minimum
-5.2 dBm
Stressed receiver sensitivity (OMA)
Maximum
-10.3 dBm
Extinction ratio (ER)
Minimum
3.0 dB
Maximum bit error rate at minimum receiver sensitivity
<10¯¹²
Power
Power
Typical
2.8 W
Maximum
3.6 W
Voltage
1.8 V (±5%), 3.3 V (±5%)
Supply current
Typical
375 mA (1.8 V), 650 mA (3.3 V)
Maximum
500 mA (1.8 V), 800 mA (3.3 V)
Environmental
Operating temperature (case)
0°C to 70°C
Operating humidity
8% to 80%
Storage temperature
-40°C to 85°C
Mechanical
Dimension
X2 MSA Revision 2 compliant
Form factor
X2, SC connector
Digital Diagnostics
Base
XENPAK DDM
Enhance options
ALL
Laser Safety
US
21 CFR 1040.10 except for deviations pursuant to Laser
Notice 50 (2001); UL approved for US and Canada
International
IEC 60825:Am.2 (2001) and IEC 60950 (CB Scheme)


Similar Part No. - JX2-13SXAA1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JX20-0114NL PULSE-JX20-0114NL Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
JX20-0114NL PULSE-JX20-0114NL Datasheet
1Mb / 8P
   2xN RJ45 Connector
JX20-0115NL PULSE-JX20-0115NL Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
JX20-0115NL PULSE-JX20-0115NL Datasheet
1Mb / 8P
   2xN RJ45 Connector
JX20-0116NL PULSE-JX20-0116NL Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
More results

Similar Description - JX2-13SXAA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JXP-01SGAA1 JDSU-JXP-01SGAA1 Datasheet
195Kb / 4P
   10GBASE-SR XFP Optical Transceiver
logo
Finisar Corporation.
FTL410QD2C FINISAR-FTL410QD2C Datasheet
492Kb / 9P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen2 Optical Transceiver Module
FTL410QD4C FINISAR-FTL410QD4C Datasheet
533Kb / 9P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen4 Optical Transceiver Module
FTL410QD3C FINISAR-FTL410QD3C Datasheet
674Kb / 10P
   40BASE-SR4/10GBASE-SR 300m QSFP Gen3 Optical Transceiver Module
logo
JDS Uniphase Corporatio...
JXP-01LWAA1 JDSU-JXP-01LWAA1 Datasheet
127Kb / 4P
   10GBASE-LR XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDZ AVAGO-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR,SFP Transceiver
AFBR-700SDZ AVAGO-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
Broadcom Corporation.
AFBR-700SDZ BOARDCOM-AFBR-700SDZ Datasheet
463Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-10G-SR-MSA-AT ATGBICS-SFP-10G-SR-MSA-AT Datasheet
455Kb / 11P
   Universally Coded MSA Compliant 10GBase-SR SFP Transceiver
logo
Broadcom Corporation.
AFBR-703SDZ BOARDCOM-AFBR-703SDZ Datasheet
410Kb / 19P
   10Gb Ethernet, 850 nm, 10GBASE-SR, SFP Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com