Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54-00214 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 54-00214
Description  Diode Lasers,High Brightness 10 W, 9xx nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00214 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  54-00214 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00214 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.50
2 CL OF CHIP
2 CL OF SOLDER
0.49±0.04
5.75
(Specifications in inches [mm] unless otherwise noted.)
Standard Tolerances
inches: x.xx = ±0.02
mm: x.x = ±0.5
x.xxx = ±0.010
x.xx = ±0.25
Dimensions Diagram
2
63XX SERIES DIODE LASERS
Package Style: Open Heat Sink (Y)
Lead (-)
θ
Cathode
θ
Hole, 0.09 (2.3) Dia.
Counterbore, 0.18 (4.4) Dia.
0.05 (1.2) Deep
0.31 (8.0)
0.25 (6.4)
0.125
0.110 (2.80)
(3.18)
0.155 (3.94)
Laser
Output
Case is
anode ( + )
0.06
0.157 (4.0)
(1.5)
0.40 Nom. (10.2)
Insulator
Stand-off
Package Style: LX Submount


Similar Part No. - 54-00214

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
54-00214 JDSU-54-00214 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

Similar Description - 54-00214

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Bookham, Inc.
BPC30C BOOKHAM-BPC30C Datasheet
398Kb / 4P
   30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler
logo
JDS Uniphase Corporatio...
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com