Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3932 Datasheet(PDF) 3 Page - ETAL Group

Part # P3932
Description  ADSL Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3932 Datasheet(HTML) 3 Page - ETAL Group

  P3932 Datasheet HTML 1Page - ETAL Group P3932 Datasheet HTML 2Page - ETAL Group P3932 Datasheet HTML 3Page - ETAL Group P3932 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3932
ETALDOC 757/5
Page 3 of 4
January 2004
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Terminal references in parentheses denote alternative customer designation.
SAFETY
ABSOLUTE MAXIMUM RATINGS
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
2.12kVrms,
3.0kVDC
Storage temperature
-40ºC to
+85ºC
Constructed in accordance with IEC 60950-1,
EN 60950-1
and
UL 60950-1,
supplementary
insulation,
250V
maximum
working
voltage,
flammability class V-0.
Installation requirements should be observed
whereby a minimum of 1.0mm creepage and
1.5mm clearance is maintained between the ferrite
core and accessible conductive parts in the host
equipment.
Terminal temperature (10s)
260ºC
Connections
Fig. 2
10,16
(0.40)
ø1,00
(0.04)
2 : 1
Terminals finished: SnAg
13,60 max
(0.54)
10,16
(0.40)
Ø0,60
(0.02)
5,08
(0.20)
10,16
(0.40)
Dimensions
Fig. 1


Similar Part No. - P3932

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3931 ETAL-P3931 Datasheet
133Kb / 4P
   ADSL Transformer
P3934 ETAL-P3934 Datasheet
134Kb / 4P
   ADSL Transformer
P3936 ETAL-P3936 Datasheet
134Kb / 4P
   ADSL Transformer
P3937 ETAL-P3937 Datasheet
133Kb / 4P
   ADSL Transformer
More results

Similar Description - P3932

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6644 FILTRAN-6644 Datasheet
68Kb / 1P
   ADSL Transformer
logo
XFMRS Inc.
XF0053A-EP13S XFMRS-XF0053A-EP13S Datasheet
75Kb / 1P
   ADSL TRANSFORMER
XF0709-AD23S XFMRS-XF0709-AD23S Datasheet
47Kb / 1P
   ADSL TRANSFORMER
XF0709-AD24S XFMRS-XF0709-AD24S Datasheet
43Kb / 1P
   ADSL TRANSFORMER
XF0709-AD25S XFMRS-XF0709-AD25S Datasheet
49Kb / 1P
   ADSL TRANSFORMER
XFADSL27A XFMRS-XFADSL27A Datasheet
63Kb / 1P
   ADSL TRANSFORMER
XFADSL33 XFMRS-XFADSL33 Datasheet
101Kb / 1P
   ADSL TRANSFORMER
XF0709-AD20S XFMRS-XF0709-AD20S_15 Datasheet
44Kb / 1P
   ADSL TRANSFORMER
XF2068T XFMRS-XF2068T_15 Datasheet
73Kb / 1P
   ADSL TRANSFORMER
XFADSL48S XFMRS-XFADSL48S_15 Datasheet
68Kb / 1P
   ADSL TRANSFORMER
XFADSL1S XFMRS-XFADSL1S Datasheet
61Kb / 1P
   ADSL TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com