Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE18 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 1.5KE18
Description  VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1.5KE18 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1.5KE18 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1.5KE18 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 1.5KE18 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 1.5KE18 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Any changing of specification will not be informed individual
1.5KE SERIES
1500W Peak Power TVS
1500W Peak Power / 5.0W Steady State
VOLTAGE 6.8V ~ 440V
RATING AND CHARACTERISTIC CURVES (1.5KE SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0.1
1.0
10
100
td, PULSE WIDTH, sec.
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
FIG.2-PULSE DERATING CURVE
TA, AMBIENT TEMPERATURE ( C)
TL, LEAD TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
25
50
75
100
FIG.3-PULSE WAVE FORM
FIG.4-TYPICAL JUNCTION CAPACITANCE
0
1.0
2.0
3.0
4.0
t, TIME, ms
0
50
100
150
td
e-kt
tf=10
us
Peak Value
IPPM
Half Value-IPPM
2
10/1000 sec Waveform
as Defined by R.E.A.
TA=25 C
Pulse Width (td) is defined
as the point where the Peak
Current Deacys to 50% of Ipp
5.0
10
20
50
100
200
500
V(BR), BREAKDOWN VOLTAGE, VOLTS
10
100
1000
10000
Measured at
Stand-Off
Voltage(VMW)
Measued at
Zero Bias
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
0
25
50
75
100
125
150
175
200
0
1.25
2.50
3.75
5.00
FIG.5-STEADY STATE POWER DERATING CURVE
L=.375"(9.5mm)
20mm x 20mm x 1mm
Copper Heat Sink
(0.8" x 0.8" x .040")
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT, UNIDIRECTIONAL
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
10
20
50
100
200
TJ=TJmax
8.3ms Single Half Sine-wave
JEDEC Method
UNIDIRECTIONAL ONLY
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. B
Page 2 of 4


Similar Part No. - 1.5KE18

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE18 TRSYS-1.5KE18 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE18 LUGUANG-1.5KE18 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
1.5KE18 NJSEMI-1.5KE18 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE18 WTE-1.5KE18 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
1.5KE18 SEMITECH-1.5KE18 Datasheet
180Kb / 5P
   Fast response time: typically less than 1 ns
More results

Similar Description - 1.5KE18

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
SMCJ SECOS-SMCJ_15 Datasheet
133Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com