Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3904 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N3904
Description  NPN Silicon General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N3904 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N3904 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N3904 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N3904 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2N3904
NPN Silicon
General Purpose Transistor
TO-92
FEATURES
. Power Dissipation
PCM: 625 mW (Ta=25
)
. Collector Current
ICM: 200 mA
. Collector - Base Voltage
V(BR)CBO: 60 V
ELECTRICAL CHARACTERISTICS (TA = 25
unless otherwise specified)
Parameter
SYMBOL
TEST CONDITIONS
Min.
Typ.
Max.
UNIT
Collector - Emitter Breakdown Voltage
V(BR)CEO
IC = 1 mA, IB = 0 A
40
-
-
V
Collector - Base Breakdown Voltage
V(BR)CBO
IC = 100 µA, IE = 0 A
60
-
-
V
Emitter - Base Breakdown Voltage
V(BR)EBO
IE = 100 µA, IC = 0 A
6
-
-
V
Collector Cut-Off Current
ICBO
VCB = 60 V, IE = 0 A
-
-
0.1
Collector Cut-Off Current
ICEO
VCE = 40 V, IB = 0 A
-
-
0.1
Emitter Cut-Off Current
IEBO
VEB = 5 V, IC = 0 A
-
-
0.1
µA
hFE(1)
VCE = 1 V, IC = 10 mA
100
-
400
DC Current Gain
hFE(2)
VCE = 1 V, IC = 50 mA
60
-
-
-
Collector - Emitter Saturation Voltage
VCE(sat)
IC = 50 mA, IB = 5 mA
-
-
0.3
V
Base - Emitter Saturation Voltage
VBE(sat)
IC = 50 mA, IB = 5 mA
-
-
0.95
V
VCE = 20 V, IC = 10 mA
Transition Frequency
fT
f = 100 MHz
300
-
-
MHz
Operating and Storage Junction Temperature Range
TJ, TSTG
-
-55 ~ +150
CLASSIFICATION OF hFE(1)
Rank
O
Y
G
Rang
100 ~ 200
200 ~ 300
300 ~ 400
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
COLLECTOR
BASE
EMITTER
1
2
3
3
2
1
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
ON Semiconductor
2N3904 ONSEMI-2N3904 Datasheet
98Kb / 8P
   General Purpose Transistors(NPN Silicon)
November, 2000 ??Rev. 3
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
AUK corp
2N3904 AUK-2N3904 Datasheet
52Kb / 3P
   NPN Silicon Transistor (General small signal application)
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com