Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4-2495-001 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # L4-2495-001
Description  High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

L4-2495-001 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  L4-2495-001 Datasheet HTML 1Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 2Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 3Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 4Page - JDS Uniphase Corporation L4-2495-001 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
2495-L4 SERIES
Dimensions Diagram
31
10
(3.9 )
17
13
2x
1
7.5
2x 4.3
2X
2.5
11.8
B
A
7.7
3.9
2.54
1.5
8.5
Metal case
Strain relief boot
Pinout
Pin
Description
A
Laser cathode (-)
B
Laser anode (+)
(Specifications in mm unless otherwise noted.)
Standard Tolerances
mm:
x.x = ±0.5
x.xx = ±0.25


Similar Part No. - L4-2495-001

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-004 JDSU-L4-2486-004 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-005 JDSU-L4-2486-005 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-2486-006 JDSU-L4-2486-006 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
More results

Similar Description - L4-2495-001

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1060-1100 JDSU-1060-1100 Datasheet
236Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
logo
Lumics GmbH
LU0808C230 LUMICS-LU0808C230 Datasheet
686Kb / 3P
   LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com