Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRQ73-3R3-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # DRQ73-3R3-R
Description  Dual Winding, Shielded Inductors/Transformer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ73-3R3-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  DRQ73-3R3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1207
BU-SB07326
Page 6 of 7
Data Sheet 4311
SECTION A-A
A
A
Ko
Bo
Bo
2.00 ±0.1
0.1
4.00
Ø1.50 +0.1/-0.0
Ao
16.00
±
0.3
0.3
7.50±0.1
1.75±0.10
Ø1.50 Min.
12.00
12.00
DRQ74 Series
Supplied in tape and reel packaging,
1100 parts per reel, 13" diameter reel.
A
A
SECTION A-A
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.00
1.7
11.5
11.5
24.0
+/-0.3
+/-0.3
B0
B0
A0
DRQ125 Series
Supplied in tape and reel packaging,
600 parts per reel, 13" diameter reel.
A
A
SECTION A-A
R0.3 max.
R0.5 TYP.
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
20.00
1.7
11.5
11.5
24.0
+/-0.3
+/-0.3
B0
B0
A0
DRQ127 Series
Supplied in tape and reel packaging,
350 parts per reel, 13" diameter reel.
Packaging Information
DRQ73 Series
Supplied in tape and reel packaging,
1350 parts per reel, 13" diameter reel.
Dimensions are in millimeters.
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Ao=7.90mm
Bo=7.90mm
Ko=3.80mm
Ao=7.90mm
Bo=7.90mm
Ko=4.70mm
Ao=13.00mm
Bo=13.00mm
Ko=6.30mm
Ao=13.00mm
Bo=13.00mm
Ko=8.30mm
ACTUAL SIZE
DRQ73
ACTUAL SIZE
DRQ74
ACTUAL SIZE
DRQ125
ACTUAL SIZE
DRQ127


Similar Part No. - DRQ73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DRQ73-3R3-R EATON-DRQ73-3R3-R Datasheet
918Kb / 10P
   Dual winding, high power density, shielded drum core power inductors
More results

Similar Description - DRQ73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Accetek Electronics (Sh...
2MA ACCETEK-2MA Datasheet
321Kb / 7P
   Dual Winding Shielded Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com