Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-8000-190 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # 27-8000-190
Description  Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

27-8000-190 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  27-8000-190 Datasheet HTML 1Page - JDS Uniphase Corporation 27-8000-190 Datasheet HTML 2Page - JDS Uniphase Corporation 27-8000-190 Datasheet HTML 3Page - JDS Uniphase Corporation 27-8000-190 Datasheet HTML 4Page - JDS Uniphase Corporation 27-8000-190 Datasheet HTML 5Page - JDS Uniphase Corporation 27-8000-190 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
(Note: Specifications in mm unless otherwise noted; tolerance = .x ± .3, .xx ± .20
The module pigtail consists of 250 µm buffered, Corning PureModeTM HI-1060 Single-
mode fiber.)
Dimensions Diagram
250 µm Bare Fiber Type A Wiring
2
2700 SERIES
6
2
.
5
L
/
C
D
A
E
L
O
T
6
.
5
5
~
X
2
)
L
A
N
O
I
T
P
O
(
E
C
I
L
P
S
F
O
L
/
C
O
T
.
M
O
N
0
0
5
G
N
I
T
A
R
G
F
O
R
E
T
N
E
C
O
T
.
M
O
N
0
0
0
1
K
R
A
M
E
N
E
L
Y
X
-
N
O
N
D
E
R
H
T
I
W
T
A
O
C
E
R
R
O
F5
9
25
3μm
0
2
.
0
±
7
.
7
0
0
.
4
8
.
2
S
S
E
N
K
C
I
H
T
D
A
E
L
5
2
.
0
5
.
1
9
.
3
0
5
.
1
T
A
O
C
E
R
N
O
R
C
I
M
F
E
I
L
E
R
N
I
A
R
T
S
0
0
4
=
<
E
L
B
I
X
E
L
F
<
T
A
O
C
E
R
<
0
6
2)
N
O
R
C
I
M
(
5
3
9
U
R
H
T
0
5
.
2
5
.
0
4
4
0
.
5
4
0
.
6
2
0
.
9
E
V
I
T
A
L
U
M
U
C
C
A
-
N
O
N
S
I
E
C
N
A
R
E
L
O
T
0
.
0
3
X
4
1
8
.
0
2
5
.
2
H
T
D
I
W
D
A
E
L
8
.
7
1
6
.
4
G
N
I
C
A
P
S
D
A
E
L
7
.
2
1
1
5
.
0
5
.
5
1
.
M
O
N
X
2
1
5
.
1
X
4
)
M
O
N
0
0
9
1
(
N
I
M
0
0
6
1
Pinout
Pin
Description
1
Cooler (+)
2
Thermistor
3
Monitor PD Anode
4
Monitor PD Cathode
5
Thermistor
6
N/C
7
N/C
8
N/C
9
N/C
10
Laser Anode
11
Laser Cathode
12
N/C
13
Case Ground
14
Cooler (-)
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - 27-8000-190

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
27-8000-190-TE JDSU-27-8000-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 27-8000-190

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com