Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5122 Datasheet(PDF) 2 Page - ETAL Group

Part # P5122
Description  LINE MATCHING TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5122 Datasheet(HTML) 2 Page - ETAL Group

  P5122 Datasheet HTML 1Page - ETAL Group P5122 Datasheet HTML 2Page - ETAL Group P5122 Datasheet HTML 3Page - ETAL Group P5122 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P5122
ETALDOC 782/4
Page 2 of 4
June 2005
SPECIFICATIONS
Electrical
At T = 25ºC and as circuit fig. 2 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz, RL = 560Ω
-
-
1.5
dB
Frequency response
200Hz - 4kHz
-
-
±0.2
dB
Return Loss
200Hz - 4kHz
18
-
-
dB
Third Harmonic
Distortion
(1)
300Hz - 6dBm
697Hz - 6dBm
-
-
-
-
-62
-70
dBm
dBm
Voltage
isolation
(2)
50Hz
DC
2.12
3.0
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
0
-40
-
-
+70
+85
ºC
ºC
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
124
-
152
Ω
Leakage inductance
ΔL
14.5
-
18
mH
Shunt inductance Lp
(4)
10mV 200Hz
1.4
-
-
H
Shunt loss Rp
(4)
10mV 200Hz
4
-
-
k
Ω
Notes
1.
Third
harmonic
typically
exceeds
other
harmonics by 20dB.
2.
Components are 100% tested at 3.25kV DC.
3.
Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.
4.
At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
Patented
Equivalent Circuit
Fig . 1
IDEAL
1:1
½ L
½ L
½ R
½ R


Similar Part No. - P5122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P5122 ETC2-P5122 Datasheet
366Kb / 4P
   Passive High-voltage Probes
logo
TEKTRONIX, INC.
P5122 TEKTRONIX-P5122 Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
P5122 TEKTRONIX-P5122 Datasheet
207Kb / 6P
   Passive High Voltage Probes
More results

Similar Description - P5122

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3126 ETAL-P3126 Datasheet
140Kb / 4P
   LINE MATCHING TRANSFORMER
P2001 ETAL-P2001 Datasheet
123Kb / 5P
   LINE MATCHING TRANSFORMER
P3034 ETAL-P3034 Datasheet
125Kb / 4P
   LINE MATCHING TRANSFORMER
P3324 ETAL-P3324 Datasheet
188Kb / 6P
   LINE MATCHING TRANSFORMER
P3189 ETAL-P3189 Datasheet
173Kb / 5P
   LINE MATCHING TRANSFORMER
P5100 ETAL-P5100 Datasheet
117Kb / 4P
   LINE MATCHING TRANSFORMER
P3800 ETAL-P3800 Datasheet
179Kb / 5P
   LINE MATCHING TRANSFORMER
P1200 ETAL-P1200 Datasheet
121Kb / 5P
   LINE MATCHING TRANSFORMER
P2602 ETAL-P2602 Datasheet
164Kb / 5P
   LINE MATCHING TRANSFORMER
logo
Rhombus Industries Inc.
T-30805 RHOMBUS-IND-T-30805 Datasheet
31Kb / 1P
   Line Matching Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com