Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29-8000-310 Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # 29-8000-310
Description  Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

29-8000-310 Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  29-8000-310 Datasheet HTML 1Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 2Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 3Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 4Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 5Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 6Page - JDS Uniphase Corporation 29-8000-310 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2900 SERIES PUMPS
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Labeling
21 CFR 1040.10 Compliance
Because of the small size of these
devices, the output power and laser
emission indicator label shown below is
attached to the individual shipping
container. All labels are illustrated here
to comply with 21 CFR 1040.10 as
applicable under the Radiations Control
for Health and Safety Act of 1968.
INVISIBLE LASER RADIATION -
AVOID DIRECT EXPOSURE TO BEAM
PEAK POWER 500 mW
WAVELENGTH 630 - 1,550 nm
INVISIBLE
LASER DIODE
Visible/invisible
radiation emitted
from fiber end or
fiber receptacle
AVOID EXPOSURE
CLASS 3B LASER PRODUCT
CAUTION -
Handle with care. Easily damaged
by electrostatic discharge
This product complies with 21 CFR Chapter 1, Subchapter J
DANGER
Serial:
Model:
29-ABC123
29-xxxx-xxx
JDS Uniphase (Shenzhen) Ltd
3 Hongmian Road
Futian Free Trade Zone
Shenzhen, China 518038
Made in China
02/09/07 29-ABC123
29-xxxx-xxx
Made in China
14-Pin Module Label
Shipping Box Label
Output Power and Laser Emission Indicator Label
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10143038 010 0408
2900PUMP.DS.CC.AE
April 2008
Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - 29-8000-310

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
29-002-171PTLHT ARIES-29-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
29-002-172PTLHT ARIES-29-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
29-002-173PTLHT ARIES-29-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
29-002.125-171PTLHT ARIES-29-002.125-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
29-002.125-172PTLHT ARIES-29-002.125-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 29-8000-310

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com