Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-8000-130 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 26-8000-130
Description  Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

26-8000-130 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  26-8000-130 Datasheet HTML 1Page - JDS Uniphase Corporation 26-8000-130 Datasheet HTML 2Page - JDS Uniphase Corporation 26-8000-130 Datasheet HTML 3Page - JDS Uniphase Corporation 26-8000-130 Datasheet HTML 4Page - JDS Uniphase Corporation 26-8000-130 Datasheet HTML 5Page - JDS Uniphase Corporation 26-8000-130 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
2600 SERIES
Table 3: Available Peak Wavelength Selection
Product Code
Minimum Peak Wavelength
Maximum Peak Wavelength
26-8000-xxx
970.0 nm
985.0 nm
26-7402-xxx
973.5 nm
975.0 nm
26-7552-xxx
974.5 nm
976.5 nm
26-7602-xxx
975.0 nm
977.0 nm
26-7702-xxx
976.0 nm
978.0 nm
26-8052-xxx
979.5 nm
981.5 nm
Table 4: Electro-Optical Performance
(BOL,Tcase = 0 to 75 °C,TLD = 25 °C, -50 dB reflection, unless noted otherwise)
Parameter
Symbol
Test Condition
Minimum
Maximum
Threshold current
Ith
-
-
25 mA
Forward voltage
Vf
If = Iop
-
2.5 V
Spectral width
ΔλRMS
50 mW < P < Pop
-
2.0 nm
Peak wavelength tuning
ΔλP/ΔΤamb
50 mW < P < Pop
-
0.02 nm/°C
Side-mode suppression ratio
SMSR
50 mW < P < Pop
15 dB
-
Relative optical power stability
Peak-to-peak, T = 10 min,
50 kHz sampling, Tcase = 25 °C
20 mW < P < Pop
-4%
12 mW < P < 20 mW
-
10%
3.5 mW < P < 12 mW
-
25%
Tracking error
TE
20 mW < P < Pop1
-25%
25%
Tracking ratio
TR
20 mW < P < Pop2
0.75
1.25
Monitor diode responsivity
RespBF
20 mW < P < Pop
2 µA/mW
10 µA/mW
TEC current
ITEC
Tcase = 75 °C
-
1.5 A
TEC voltage
VTEC
Tcase = 75 °C
-
2.5 V
Thermistor resistance
Rth
-
9.5 k
Ω
10.5 k
Ω
Thermistor constant
B
-
3600 K
4200 K
Module power consumption
Tcase = 75 °C
-
4.5 W
Tcase = 75 °C, EOL
-
5.0 W
1. The Tracking Error is defined as the normalized change of output power relative to the operating power over case temperature range 0 °C to 75 °C, at constant back face monitor current corresponding
to the operating power at 25 °C.
2. The Tracking Ratio is a measure of the front-to-back tracking when the output power is varied. On a plot of optical power versus back-face photocurrent, a straight line is drawn between the minimum
power (20 mW) and the operating power Pop points. The tracking ratio is defined as the ratio between measured optical power (shown as data points on the plot) to the value derived from the straight line.
(Tamb = 25±3 °C, 50 mW < P < Pop)


Similar Part No. - 26-8000-130

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
26-8000-130-TE JDSU-26-8000-130-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 26-8000-130

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com