Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3206-D-02 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 3206-D-02
Description  3205-D/3206-D Tunable Laser Subassembly
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

3206-D-02 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  3206-D-02 Datasheet HTML 1Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 2Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 3Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 4Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 5Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 6Page - JDS Uniphase Corporation 3206-D-02 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
3205-D/3206-D TUNABLE LASER SUBASSEMBLY
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
TEC supply voltage
VCC
-0.3 V
6 V
3.3 V supply voltage (analog)
VDDana
-0.3 V
3.6 V
3.3 V supply voltage (digital)
VDDdig
-0.3 V
3.6 V
Operating case temperature range1
Top
-5°C
70°C
Storage case temperature range
Tstg
-40°C
85°C
Relative humidity (noncondensing)
RH
-
85%
Minimum fiber-bend radius
1 in. (25.4 mm)
-
LDM mounting screw torque
-
-
20 in-oz
Maximum LVTTL input voltage
VIL
-
3.6 V
(Pins 17–20, 24, 26, 28, 30, 32, & 34)
Note: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only. Functional operation of the device
is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
1. Measured on laser module heat sink surface.
Electrical Specifications
Parameter
Symbol
Minimum
Typical
Maximum
TEC supply voltage1
VCC
3.13 V
5.0 V
5.25 V
TEC supply current
ICC
-
1000 mA
2300 mA
3.3 V supply voltage (analog)2
VDDana
3.13 V
3.3 V
3.47 V
3.3 V supply current (analog)3
IDDana
-
550 mA
700 mA
3.3 V supply voltage (digital)2
VDDdig
3.13 V
3.3 V
3.47 V
3.3 V supply current (digital)3
IDDdig
-
140 mA
200 mA
Power dissipation4
PDIS
-
5.5 W
6.5 W
1. TEC supply voltage may be set to either 3.3 V or 5 V. Common 3.3 V supply may be used for analog, digital, and TEC.
2. 3.3 V analog and digital supplies can be linked.
3. Total current from 3.3 V supplies not to exceed 2300 mA.
4. Steady-state power dissipation over lifetime and case operating range of -5 to 70°C
Channel Switching Specifications
Parameter
Symbol
Minimum
Typical
Maximum
Blanked output power1
PBLANK
-
-
-30 dBm
Locked frequency accuracy
-
-
± 2.5 GHz
Wavelength switching time2
Tswitch
-
-
10 ms
1. Output power is less than -30 dBm at frequencies more than 10 GHz away from new channel.
2. Switching time is duration from receipt of command to locked operation at new channel.


Similar Part No. - 3206-D-02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3206-00 JDSU-3206-00 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
3206-01 JDSU-3206-01 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
3206-02 JDSU-3206-02 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
More results

Similar Description - 3206-D-02

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
3205-00 JDSU-3205-00 Datasheet
223Kb / 7P
   3205/3206 Tunable Laser Assembly
logo
NICHIA CORPORATION
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
NUV603E NICHIA-NUV603E Datasheet
360Kb / 3P
   Tunable Laser Module
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
   Tunable Laser Module CORE
logo
Agilent(Hewlett-Packard...
81600B HP-81600B Datasheet
201Kb / 12P
   Tunable Laser Source Family
logo
NICHIA CORPORATION
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
   Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
   Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
   Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com