Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4000-IPTV Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # C4000-IPTV
Description  T-BERD짰/MTS-4000Multiple Services Test Platform
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

C4000-IPTV Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  C4000-IPTV Datasheet HTML 1Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 2Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 3Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 4Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 5Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 6Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 7Page - JDS Uniphase Corporation C4000-IPTV Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Applications
T-BERD/MTS-4000 TRIPLE-PLAY SERVICES SOFTWARE OPTION
The T-BERD/MTS-4000 provides the full range of capabilities needed to test
today’s leading-edge FTTx and copper access networks plus the expandability
needed to test next-generation networks. The wide range of testing technologies
offered by the T-BERD/MTS-4000 provide all of the testing functions that
technicians need at every stage of the network lifecycle, from the physical layer to
the application layer, in a single handheld and rugged unit.
The T-BERD/MTS-4000 delivers an integrated approach to field testing with test
support for specific application use cases. Field-swappable modules are available
for multi-service testing and two modules can run simultaneously.
IP Video Testing
The T-BERD/MTS-4000 enables analysis of the video service (IPTV) stream
anywhere in the Access network using a DSL or Ethernet interface. With its
advanced performance monitoring features, the T-BERD/MTS-4000 accurately
measures video QoS and QoE using built-in tests for content, transport,
transaction, and physical link quality.
Figure 4: Example of IPTV Video Stream test
Figure 5: Example of IPTV Summary test screen


Similar Part No. - C4000-IPTV

ManufacturerPart #DatasheetDescription
logo
Dubilier
C4000 DUBILIER-C4000 Datasheet
95Kb / 1P
   ALKALINE
logo
MicroPower Direct, LLC
C4000ERW MPD-C4000ERW Datasheet
250Kb / 2P
   Compact, 2:1 Input 40W, Single Output DC/DC Converters
C4000ERW MPD-C4000ERW_14 Datasheet
244Kb / 2P
   C4000ERW SERIES
C4000RU MPD-C4000RU Datasheet
298Kb / 2P
   C4000RU SERIES
More results

Similar Description - C4000-IPTV

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
4000-CU JDSU-4000-CU Datasheet
1Mb / 8P
   T-BERD짰/MTS-4000Multiple Services Test Platform
logo
List of Unclassifed Man...
4573326590334 ETC-4573326590334 Datasheet
2Mb / 2P
   Soracom IoT Connectivity and Platform Services
logo
Agilent(Hewlett-Packard...
N5990A HP-N5990A Datasheet
1Mb / 18P
   Test Automation Software Platform
logo
Broadcom Corporation.
BCM1500TRP BOARDCOM-BCM1500TRP Datasheet
523Kb / 2P
   CALISTO TEST AND REFERENCE PLATFORM
logo
Keysight Technologies
N5990A KEYSIGHT-N5990A Datasheet
4Mb / 23P
   N5990A Test Automation Software Platform
Z2095B-400 KEYSIGHT-Z2095B-400 Datasheet
1Mb / 8P
   Transmit/Receive Module Test Platform (TRM-X)
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
logo
Freescale Semiconductor...
MC44C402 FREESCALE-MC44C402 Datasheet
371Kb / 12P
   MTS Stereo Encoder
logo
Motorola, Inc
MC44C401 MOTOROLA-MC44C401 Datasheet
426Kb / 16P
   MTS Stereo Encoder
logo
NEC
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com