Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-7602-560 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 30-7602-560
Description  Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

30-7602-560 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  30-7602-560 Datasheet HTML 1Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 2Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 3Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 4Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 5Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 6Page - JDS Uniphase Corporation 30-7602-560 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Parameter
Symbol
Test Condition
Minimum
Maximum
Threshold current
Ith-BOL
-
-
35 mA
Laser diode temperature
TLD
-
20°C
30°C
Forward voltage
Vf
If = Iop
-
2.6 V
Operating power
Pop
If = Iop
20 mW
Pop
Kinkfree output power
Pmax
If = Imax
500 mW
660 mW
Wavelength
λm
-
973 nm
985 nm
Pump in pump band
Ppump
Pump band =
λm±1.5 nm
90%
-
Spectral width
ΔλRMS
-
-
2.0 nm
Wavelength tuning vs. temperature
Δλ/T
-
-
0.02 nm/°C
Optical power stability
ΔPf_t
Over Pf range, DC to 50 kHz,
50 kHz sampling, Tcase = 25°C
20 mW < Pop < 100 mW
-
4%
100 mW < Pop < 600 mW
-
2.5%
Monitor diode responsivity
IBF
-
1 µA/mW
10 µA/mW
TEC cooling capacity
ΔTEC
If = Imax,TLD = 25°C, see table on next page
50°C
-
Thermistor resistance
Rth
Tset = 25°C
9.5 k
Ω
10.5 k
Ω
Thermistor constant
B
-
3600 K
4200 K
4
3000 SERIES PUMPS
Available Peak Wavelength Selection
Product Code
Peak Wavelength
Peak Wavelength Tolerance
30-7402-xxx
974.0 nm
-0.5/+1.0 nm
30-7602-xxx
976.0 nm
±1 nm
30-8000-xxx
980.0 nm
-6/+5 nm
Electro-Optical Performance
(BOL,Tcase = -5 to 75°C, Pf range = 20 mW to Pmax, -50 dB reflection, unless noted otherwise)


Similar Part No. - 30-7602-560

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7602-560-FL JDSU-30-7602-560-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 30-7602-560

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com