Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060-1100 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 1060-1100
Description  High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1060-1100 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  1060-1100 Datasheet HTML 1Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 2Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 3Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 4Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 5Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
6398-L4ti SERIES
Specification for 0.15 NA1
Parameter
Symbol
Minimum
Typical
Maximum
Laser Characteristics
CW output power
Po
-
-
10 W
Mean wavelength2
λp 976 nm
973 nm
976 nm
979 nm
Spectral width (90% of maximum)
Δλ
-
3 nm
6 nm
Slope efficiency
η
D 976 nm
-
0.90 W/A
-
Conversion efficiency
η
-
46%
-
Threshold current
Ith
-
600 mA
850 mA
Operating current (BOL)
Iop 976 nm
-
12.3 A
13.5 A
Forward voltage
Vf
-
1.81 V
2.0 V
Series resistance
Rs
-
0.04
Ω
-
Recommended case temperature
Tc
20°C
25°C
40°C
Wavelength tuning vs. temperature3
Δλ/ΔT
-
0.35 nm/°C
-
Wavelength tuning vs. output power
Δλ/ΔP
-
1.0 nm/W
-
Fiber Characteristics
Fiber core diameter
dc
-
105 µm
-
Fiber numerical aperture
NA
0.135
0.15
0.165
Fiber cladding
dcl
-
125 µm
-
Fiber buffer
db
-
250 µm
-
Fiber length
lf
0.9 m
1 m
-
1. All performance data measured at 10 W, 25°C, beginning of Life (BOL).
2. Weighted average "center of mass" spectral point at 25°C at PO
3. Change in
Δλ mean with case temperature over T
op
Fiber Laser Feedback Isolation Specification for -100E and -100F Options
Wavelength Range (nm)
Isolation (dB)
Reflectivity (%)
1060–1100
> 30
> 99.9%
1050–1150
> 25
> 99.7%


Similar Part No. - 1060-1100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1060-16-0622 TEC-1060-16-0622 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0644 TEC-1060-16-0644 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0677 TEC-1060-16-0677 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0688 TEC-1060-16-0688 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-06XX TEC-1060-16-06XX Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
More results

Similar Description - 1060-1100

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
   High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com