Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060-1100 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # 1060-1100
Description  High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1060-1100 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  1060-1100 Datasheet HTML 1Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 2Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 3Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 4Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 5Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Operating current
Iop
-
-
14 A
Reverse voltage
Vrvs
-
-
2.0 V
Case operating temperature1
Top
15°C
-
50°C
Storage temperature2
Tstg
-30°C
-
70°C
Lead soldering temperature, 10 s max
Tls
-
-
300°C
Relative humidity, non-condensing, ambient < 45°C
RH
-
-
85%
Electrostatic discharge (ESD)3
Vesd
-
-
500 V
Fiber bend radius (long term deployment)4
30 mm
-
-
Fiber axial pull force, 15 s
-
-
5 N
Fiber side pull force, 15 s
-
-
2.5 N
1. Noncondensing, maximum
2. Noncondensing, 2000 hours
3. C = 100 pF, R = 1.5 k
Ω, human body model, shown to be not damaging to its LI characteristics or its reliability, I-V curves may change in this ESD environment
4. Minimum bend radius of 30 mm is for long term mechanical fiber reliability; however for 0.15 NA some optical loss may occur and a minimum bend radius of 45 mm is recommended for layout with
multiple fiber coils.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: L4-9897603-100E
5
6398-L4ti SERIES
Configurations
Product Code
Wavelength Range
Fiber NA
Feedback Protection
L4-9897603-100E
973 – 979 nm
0.22
Yes
L4-9897603-100F
973 – 979 nm
0.15
Yes


Similar Part No. - 1060-1100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1060-16-0622 TEC-1060-16-0622 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0644 TEC-1060-16-0644 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0677 TEC-1060-16-0677 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0688 TEC-1060-16-0688 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-06XX TEC-1060-16-06XX Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
More results

Similar Description - 1060-1100

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
   High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com