Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060-1100 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # 1060-1100
Description  High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1060-1100 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  1060-1100 Datasheet HTML 1Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 2Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 3Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 4Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 5Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6398-L4ti SERIES
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
User Safety
Safety and Operating Considerations
The laser light emitted from this diode laser is invisible and may be harmful to the human eye. Avoid looking directly into the
diode laser or into the collimated beam along its optical axis when the device is in operation.
CAUTION: THE USE OF OPTICAL INSTRUMENTS WITH THIS PRODUCT WILL INCREASE EYE HAZARD.
Operating the diode laser outside of its maximum ratings may cause device failure or a safety hazard. Power supplies used with
the component must be employed such that the maximum peak optical power cannot be exceeded. CW diode lasers may be
damaged by excessive drive current or switching transients. When power supplies are used, the diode laser should be connected
with the main power on and the output voltage at zero. The current should be increased slowly while the diode laser output
power and the drive current are monitored.
Device degradation accelerates with increased temperature, and therefore careful attention to minimizing the case temperature
is advised. For example, life expectancy will decrease by a factor of four if the case is operated at 50°C rather than 25°C.
A proper heatsink for the diode laser on a thermal radiator will greatly enhance laser life. Firmly mount the laser on a radiator
with a thermal impedance of less than 0.5°C/W for increased reliability.
ESD PROTECTION—Electrostatic discharge is the primary cause of unexpected diode laser failure. Take extreme precaution
to prevent ESD. Use wrist straps, grounded work surfaces, and rigorous antistatic techniques when handling diode lasers.
Labeling
21 CFR 1040.10 Compliance
Because of the small size of these devices,
each of the labels shown is attached to
the individual shipping container. They
are illustrated here to comply with 21
CFR 1040.10 as applicable under the
Radiation Control for Health and Safety
Act of 1968.
Serial Number Identification Label
Output Power Danger Label
*SEE MANUAL
INVISIBLE LASER RADIATION*
DANGER
GaAlAs Diode CW 10 W max.
CLASS IV LASER PRODUCT
3110
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
JDSU
3 Hongmian Road
Futian Free Trade Zone
Shenzhen 518038
Made in: China
Serial:
Model:
L4-ABC123
L4-9897603-100E
L4-ABC123
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162548 000 1008
6398L4ti.DS.CL.AE
October 2008


Similar Part No. - 1060-1100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1060-16-0622 TEC-1060-16-0622 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0644 TEC-1060-16-0644 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0677 TEC-1060-16-0677 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0688 TEC-1060-16-0688 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-06XX TEC-1060-16-06XX Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
More results

Similar Description - 1060-1100

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
   High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com