Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1060-1100 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # 1060-1100
Description  High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1060-1100 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  1060-1100 Datasheet HTML 1Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 2Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 3Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 4Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 5Page - JDS Uniphase Corporation 1060-1100 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMMERCIAL LASERS
Key Features
• 976±3 nm wavelength
• Full fiber laser feedback protection
• 10 W output power
• High reliability
• 105 µm aperture
• 0.22 or 0.15 NA
• Isolated electrical contacts
The JDSU L4ti Series expands the L4 and L4i platforms by offering a tighter
wavelength range specification at 976 nm combined with a fiber laser feedback protection.
By controlling accurately the wavelength of the epitaxial structure during the
growth, the L4ti is specified at ±3 nm around 976 nm for pumping fiber lasers in
this narrow pump absorption bandwidth.
A specific design without changing the L4t footprint, the L4ti offers a high degree
of feedback protection from any fiber laser wavelength. This feature allows end
users to operate the fiber laser in a feedback riskfree environment for the diode
laser, and at a less costly solution than a traditional isolation system.
The 6398-L4ti series diode lasers offer 10W of power from a 105 µm fiber. In
addition, L4ti multimode pump modules take advantage of the existing global
JDSU manufacturing infrastructure to offer both high brightness and small
footprint with consistent high reliability in a cost-effective solution.
Application
• Fiber laser pumping
High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
6398-L4ti Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Similar Part No. - 1060-1100

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1060-16-0622 TEC-1060-16-0622 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0644 TEC-1060-16-0644 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0677 TEC-1060-16-0677 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-0688 TEC-1060-16-0688 Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
1060-16-06XX TEC-1060-16-06XX Datasheet
218Kb / 1P
   STAMPED CONTACT PIN SIZE 16
REV H
More results

Similar Description - 1060-1100

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
L4-9891510-100B JDSU-L4-9891510-100B Datasheet
194Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser
L4-9891510-100E JDSU-L4-9891510-100E Datasheet
229Kb / 6P
   High-Power 10 W 9xx nm Fiber-Coupled Diode Laser with Feedback Protection
L4-9897603-100B JDSU-L4-9897603-100B Datasheet
233Kb / 6P
   High-Power 10 W 976 nm Fiber-Coupled Diode Laser
L4-2495-001 JDSU-L4-2495-001 Datasheet
224Kb / 5P
   High-Power 4.5 W 808 nm Fiber-Coupled Diode Laser
L4-2486-003 JDSU-L4-2486-003 Datasheet
225Kb / 5P
   High-Power 2 W 830 nm Fiber-Coupled Diode Laser
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Roithner LaserTechnik G...
G081PU1750M ROITHNER-G081PU1750M Datasheet
226Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G098PU322W ROITHNER-G098PU322W Datasheet
425Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
   High Power Fiber Coupled Infrared Laser Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com