Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBC-3A0711 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # PBC-3A0711
Description  Polarization Beam Combiners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PBC-3A0711 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  PBC-3A0711 Datasheet HTML 1Page - JDS Uniphase Corporation PBC-3A0711 Datasheet HTML 2Page - JDS Uniphase Corporation PBC-3A0711 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
POLARIZATION BEAM COMBINERS
Specifications
Parameter
Premium
A Grade
Center wavelength
λc
1420 nm, 1450 nm, 1480 nm and 1550 nm
Wavelength range
λc±30 nm
Insertion loss
Maximum
0.5 dB
Temperature dependent loss
Maximum
0.1 dB
Directivity
Minimum
55 dB
Polarization extinction ratio
Minimum
20 dB
18 dB
Optical return loss
Minimum
50 dB
Operating temperature
0 to 70 °C
Storage temperature
-40 to 85 °C
Input optical power
Maximum
1000 mW
Tensile load
Maximum
5 N
Dimensions (D x L)
5.5 x 32 mm
Pigtail color code
Port 1: black, Port 2: clear, Port 3: clear
Note: Parameters are specified for the signal wavelength range and operating temperature range without connector unless otherwise stated. The direction of linear polarization
is aligned with slow axis of the PM fiber in ports 1 and 2.
Dimensions Diagram
32
Ø 5.5
1
3
2
(Specifications in mm unless otherwise noted.)


Similar Part No. - PBC-3A0711

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBC-300-13.5-SC POWERBOX-PBC-300-13.5-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBC-300-27-SC POWERBOX-PBC-300-27-SC Datasheet
135Kb / 2P
   1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results

Similar Description - PBC-3A0711

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
logo
KATHREIN Solutions GmbH
739655 KATHREIN-739655 Datasheet
116Kb / 2P
   Panel Dual Polarization Half-power Beam Width
logo
OPLINK Communications I...
PMIH OPLINK-PMIH Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
logo
KATHREIN Solutions GmbH
739494 KATHREIN-739494 Datasheet
72Kb / 2P
   F-Panel Dual Polarization Half-power Beam Width
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com