Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-7552-270 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 27-7552-270
Description  Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

27-7552-270 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  27-7552-270 Datasheet HTML 1Page - JDS Uniphase Corporation 27-7552-270 Datasheet HTML 2Page - JDS Uniphase Corporation 27-7552-270 Datasheet HTML 3Page - JDS Uniphase Corporation 27-7552-270 Datasheet HTML 4Page - JDS Uniphase Corporation 27-7552-270 Datasheet HTML 5Page - JDS Uniphase Corporation 27-7552-270 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
2700 SERIES
Table 1: Absolute Maximum Ratings
Parameter
Symbol
Test Conditions
Minimum
Maximum
Operating case temperature
Top
-
-5 °C
75 °C
Storage temperature
Tstg
2000 hours
-40 °C
85 °C
LD submount temperature
TLD
-
0 °C
50 °C
LD reverse voltage
Vr
-
-
2 V
LD forward current
-
-
650 mA
LD current transient
1 µs maximum
-
1000 mA
LD reverse current
-
-
10 µA
PD reverse voltage
VPD
-
-
20 V
PD forward current
IPD
-
-
10 mA
Electrostatic discharge (ESD)
VESD
C = 100 pF, R = 1.5
Ω, human body model
-
1000 V
TEC current
ITEC
-
-
2.5 A
TEC voltage
VTEC
-
-
4.0 V
Axial pull force
3 x 10 seconds
-
5 N
Side pull force
3 x 10 seconds
-
2.5 N
Fiber bend radius
-
16 mm
-
Relative humidity
RH
40 °C
5%
95%
Lead soldering time
260 °C
-
10 seconds
Note: Absolute maximum ratings are the maximum stresses that may be applied to the pump module for short periods of time without causing damage. Stresses in excess of the absolute maximum ratings can
permanently damage the device. Exposure to absolute maximum ratings for extended periods, or exposure to more than one absolute maximum rating simultaneously may adversely affect device reliability.
Table 2: Operating Parameters
Product
Maximum
Maximum
Minimum
Kink-Free
Code1
Operating
Operating
Kink-Free
Current
Power
Current
Power
Imax (mA)3
Pop (mW)2,3
Iop (mA)
Pmax (mW)4
Maximum4
Maximum2
27-xxxx-190
170
360
190
400
27-xxxx-200
180
380
200
420
27-xxxx-210
190
400
210
440
27-xxxx-220
200
420
220
460
27-xxxx-230
210
440
230
480
27-xxxx-240
220
460
240
500
27-xxxx-250
230
480
250
520
27-xxxx-260
240
500
260
540
27-xxxx-270
250
520
270
560
27-xxxx-280
260
540
280
580
27-xxxx-290
270
560
290
600
27-xxxx-300
280
560
300
600
1. The 29-xxxx-xxx-FL may be substituted for this part series. All 27-xxxx-xxx end product specifications will remain as published; there is no change to part numbers, product testing, quality or reliability.
Traceability is accomplished through product serial number.
2. The maximum operating power Pop will be achieved at a device-specific current, the maximum operating current Iop. The individual value of Iop is noted on the hardcopy data sheet shipped with the device.
All values of Iop are limited by the maximum value listed in Table 2.
3. The pump laser shall never be operated at a power higher than the maximum operating power Pop throughout its lifetime. At Begin of Life (BOL), the operating current shall never be higher than the
device-specific maximum operating current Iop that is noted on the hardcopy data sheet shipped with the device. At End of Life (EOL), the operating current shall never be higher than the device-specific
kink-free current Imax that is noted on the hardcopy data sheet shipped with the device.
4. The module is kink-free (at least) up to a minimum kink-free power Pmax that the module will achieve at a device-specific current, the kink-free current Imax. The individual value of Imax is noted on the
hardcopy data sheet shipped with the device. All values of Imax are limited by the maximum value listed in Table 2.
(BOL, Tcase = 0 to 75 °C, TLD = 25 °C, -50 dB reflection, unless noted otherwise)


Similar Part No. - 27-7552-270

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
27-7552-270-TE JDSU-27-7552-270-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
More results

Similar Description - 27-7552-270

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com