Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2214-4VL Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # 2214-4VL
Description  Air-Cooled Argon-Ion Laser Heads in Cylindrical and Rectangular Packages
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

2214-4VL Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  2214-4VL Datasheet HTML 1Page - JDS Uniphase Corporation 2214-4VL Datasheet HTML 2Page - JDS Uniphase Corporation 2214-4VL Datasheet HTML 3Page - JDS Uniphase Corporation 2214-4VL Datasheet HTML 4Page - JDS Uniphase Corporation 2214-4VL Datasheet HTML 5Page - JDS Uniphase Corporation 2214-4VL Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AIR-COOLED ARGON-ION LASER HEADS IN CYLINDRICAL AND
RECTANGULAR PACKAGES
Specifications
Parameter
2214
2214
2214
2214
2211
2211
-xxSL
-xVL
-xxGL
-xxML1,2
-xxSL
-xVL
Optical
Output power (TEM00, mW)
10/20/30
4
15/20
25/40
20/30
4
Wavelength (nm)
488
458
515
458 to 515
488
458
Mode purity (TEM00)
>95%
Beam diameter (1/e2 ±5%, mm)
0.70
0.69
0.69
0.71
0.70
0.67
Beam divergence (mrad ±5%)
0.90
0.90
0.90
0.90
0.90
0.90
Minimum polarization ratio
250:1
Longitudinal mode spacing (MHz)
566
Noise
p-p, 20 Hz to 2 kHz
≤0.1%
p-p, 20 Hz to 20 kHz
≤0.1%
rms, 20 Hz 2 MHz
≤1.0%
Maximum drift
≤1.0%
(light control mode over 2 hours)
Maximum warm-up timer
5 minutes
(to 95% power, minimum)
Beam pointing stability
<30 µRad
After warm-up (2 hours, 25±3 °C)
CDRH class
IIIb
Static alignment
Beam position
±0.25 mm
Beam angle
±2.5 mrad
Environmental
Temperature
Operating
4 to 40 °C
Non-operating
-30 to 60 °C
Altitude
Operating
0 to 10,000 feet
Non-operating
0 to 70,000 feet
Relative humidity (non-condensing)
Operating
0 to 90%
Non-operating
0 to 100%
Shock
Operating
25 g for 11 ms
Non-operating
25 g for 11 ms
Physical
Weight
8.5 lbs.
8.5 lbs.
8.5 lbs.
8.5 lbs.
14 lbs
14 lbs
Umbilical length
72±2 inches
1. For ML (multiline) models, 458, 476, 488, 497, 502 and 515 nm wavelengths are present.
2. For 2214 models, nominal airflow is 52 CFM. Use JDSU model 2402 or equivalent fan rated for 140 CFM free air and typical pressure head of 0.95 inches of water.


Similar Part No. - 2214-4VL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2214-400B ETC-2214-400B Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
2214-400B ETC1-2214-400B Datasheet
42Kb / 3P
   data delay devices
logo
Data Delay Devices, Inc...
2214-400B DATADELAY-2214-400B Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
logo
List of Unclassifed Man...
2214-400C ETC-2214-400C Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
2214-400C ETC1-2214-400C Datasheet
42Kb / 3P
   data delay devices
More results

Similar Description - 2214-4VL

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
2218-010MLS JDSU-2218-010MLS Datasheet
318Kb / 6P
   Air-Cooled Argon Ion Laser Heads in Cylindrical and Rectangular Packages
2213-75SL JDSU-2213-75SL Datasheet
237Kb / 5P
   Air-Cooled Argon-Ion Laser Heads in Cylindrical Package
logo
M/A-COM Technology Solu...
HH-106-PIN MA-COM-HH-106-PIN Datasheet
440Kb / 3P
   Available in Flatpack and Connectorized Packages
logo
Nell Semiconductor Co.,...
NACS200 NELLSEMI-NACS200 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS400 NELLSEMI-NACS400 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS500 NELLSEMI-NACS500 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Hamamatsu Corporation
L8998 HAMAMATSU-L8998 Datasheet
387Kb / 4P
   AIR-COOLED VUV LIGHT SOURCE UNIT
logo
Nell Semiconductor Co.,...
NACS300 NELLSEMI-NACS300 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
NACS350 NELLSEMI-NACS350 Datasheet
154Kb / 2P
   Air Cooled Single Phase Diode Stack
logo
Tyco Electronics
408-2432 MACOM-408-2432 Datasheet
342Kb / 8P
   Terminal and splice crimping heads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com