Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29-7702-440 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # 29-7702-440
Description  Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

29-7702-440 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  29-7702-440 Datasheet HTML 1Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 2Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 3Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 4Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 5Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 6Page - JDS Uniphase Corporation 29-7702-440 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
2900 SERIES PUMPS
Panda PM-980 Polarization Maintaining Fiber Nominal Characteristics and Tolerances
Parameter
Specification
Cutoff wavelength
950 nm
Maximum attenuation at 980 nm
3.0 dB/km
Cladding outside diameter
125±3 µm
Coating outside diameter
250±3 µm
Mode field diameter at 980 nm
6.6±1.1 µm
Cross talk at 100 m
-25 dBm/2 m
Maximum beat length
3.3 mm
Operating temperature
-40 to 85 °C
Fiber tensile proof strength (tested)
200 kpsi
TEC and Total Module Power Consumption
(For
ΔT = 50 °C, BOL,Tcase = 75 °C,Tld = 25 °C unless noted otherwise)
Product Code
TEC Current
TEC Voltage
TEC Power Consumption
Total Module Power
Imax (A)
Vmax (V)
Pmax (W)
Consumption Pmax (W)
29-xxxx-310
1.35
1.95
2.63
3.80
29-xxxx-320
1.40
2.00
2.80
4.00
29-xxxx-330
1.45
2.20
3.19
4.57
29-xxxx-340
1.45
2.25
3.26
4.70
29-xxxx-350
1.50
2.30
3.45
4.91
29-xxxx-360
1.50
2.30
3.45
4.97
29-xxxx-380
1.60
2.40
3.84
5.40
29-xxxx-400
1.70
2.45
4.17
5.86
29-xxxx-420
1.80
2.60
4.70
6.52
29-xxxx-440
1.85
2.65
4.90
6.82
29-xxxx-460
1.95
2.75
5.36
7.36
29-xxxx-480
2.05
2.85
5.84
7.94
29-xxxx-500
2.10
2.90
6.00
8.20


Similar Part No. - 29-7702-440

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
29-7702-440-FL JDSU-29-7702-440-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 29-7702-440

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com