Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

29-7702-480 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # 29-7702-480
Description  Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

29-7702-480 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  29-7702-480 Datasheet HTML 1Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 2Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 3Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 4Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 5Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 6Page - JDS Uniphase Corporation 29-7702-480 Datasheet HTML 7Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
2900 SERIES PUMPS
Absolute Maximum Ratings
Parameter
Symbol
Test Condition
Minimum
Maximum
Operating case temperature
Top
-
-5 °C
75 °C
Storage temperature
Tstg
2000 hours
-40 °C
85 °C
Laser operating temperature
TLD
-
0 °C
50 °C
LD reverse voltage
Vr
-
-
2.5 V
LD forward current
If_max
48 hours maximum
-
1100 mA
LD reverse current
-
-
10 µA
PD reverse voltage
VPD
-
-
20 V
PD forward current
IPF
-
-
10 mA
Electrostatic discharge (ESD)
VESD
C = 100 pF, R = 1.5
Ω, human body model
-
1000 V
Cooler current
IC
-
-
4 A
TEC voltage
VC
-
-
4.5 V
Axial pull force
3 x 10 seconds
-
5 N
Side pull force
3 x 10 seconds
-
2.5 N
Fiber bend radius
-
16 mm
-
Atmospheric pressure
Storage
-
11 kPa
Operating
-
58 kPa
Relative humidity
RH
Non condensing
5%
95%
Lead soldering time
260 °C
-
10 seconds
Note: Each device is rated to a maximum kink-free current (Imax), provided on the individual datasheet. This is the maximum current under which the device will perform itsintended function. Operation
above Imax, and up to the absolute maximum rating, may result in poor device performance, and degrade device reliability. Long-termoperation above Imax may lead to early device failure.
Operating Parameters
Product Code
Operating Power
Operating Current
Kink-Free Power
Kink-Free Current
Pop (mW)
Iop (mA)
Pmax (mW)
Imax (mA)
29-xxxx-310
280
555
310
615
29-xxxx-320
290
575
320
635
29-xxxx-330
300
595
330
655
29-xxxx-340
310
615
340
680
29-xxxx-350
315
625
350
700
29-xxxx-360
325
645
360
720
29-xxxx-380
340
680
380
760
29-xxxx-400
360
720
400
805
29-xxxx-420
380
760
420
855
29-xxxx-440
400
805
440
910
29-xxxx-460
410
840
460
950
29-xxxx-480
430
875
480
985
29-xxxx-500
450
900
500
1000


Similar Part No. - 29-7702-480

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
29-7702-480-FL JDSU-29-7702-480-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results

Similar Description - 29-7702-480

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190-TE JDSU-27-7402-190-TE Datasheet
270Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
26-7402-100-TE JDSU-26-7402-100-TE Datasheet
270Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules with Tight Tracking
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
   980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com