Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6290 Datasheet(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 1N6290
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N6290 Datasheet(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N6290 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N6290 Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N6290 Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1.5KW(1500W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
Breakdown Voltage
VBR
(Volts)
TYPE
JEDEC
PART
NUMBER
MIN.
MAX.
@IT
(MA)
Reverse
Stand off
Voltage VWM
(Volts)
Maximum
Reverse
Leakage at VWM
ID(µA)
Maximum
Peak Pulse
Current IPPM
(Amps)
Maximum
Clamping
Voltage at IPPM
VC (Volts)
1.5KE6.8
1N6267
6.12
7.48
10
5.50
1000
139
10.8
1.5KE6.8A
1N6267A
6.45
7.14
10
5.80
1000
142
10.5
1.5KE7.5
1N6268
6.75
8.25
10
6.05
500
128
11.7
1.5KE7.5A
1N6268A
7.13
7.88
10
6.40
500
132
11.3
1.5KE8.2
1N6269
7.38
9.02
10
6.63
200
120
12.6
1.5KE8.2A
1N6269A
7.79
8.61
10
7.02
200
124
12.1
1.5KE9.1
1N6270
8.19
10
1.0
7.37
50
109
13.8
1.5KE9.1A
1N6270A
8.69
9.55
1.0
7.78
50
112
13.4
1.5KE10
1N6271
9.00
11.0
1.0
8.10
10
100
15.0
1.5KE10A
1N6271A
9.50
10.5
1.0
8.55
10
103
14.5
1.5KE11
1N6272
9.90
12.1
1.0
8.92
5.0
93.0
16.2
1.5KE11A
1N6272A
10.5
11.6
1.0
9.40
5.0
96.0
15.6
1.5KE12
1N6273
10.8
13.2
1.0
9.72
5.0
87.0
17.3
1.5KE12A
1N6273A
11.4
12.6
1.0
10.2
5.0
90.0
16.7
1.5KE13
1N6274
11.7
14.3
1.0
10.5
5.0
79.0
19.0
1.5KE13A
1N6274A
12.4
13.7
1.0
11.1
5.0
82.0
18.2
1.5KE15
1N6275
13.5
16.5
1.0
12.1
5.0
68.0
22.0
1.5KE15A
1N6275A
14.3
15.8
1.0
12.8
5.0
71.0
21.2
1.5KE16
1N6276
14.4
17.6
1.0
12.9
5.0
64.0
23.5
1.5KE16A
1N6276A
15.2
16.8
1.0
13.6
5.0
67.0
22.5
1.5KE18
1N6277
16.2
19.8
1.0
14.5
5.0
56.5
26.5
1.5KE18A
1N6277A
17.1
18.9
1.0
15.3
5.0
59.5
25.2
1.5KE20
1N6278
18.0
22.0
1.0
16.2
5.0
51.5
29.1
1.5KE20A
1N6278A
19.0
21.0
1.0
17.1
5.0
54.0
27.7
1.5KE22
1N6279
19.8
24.2
1.0
17.8
5.0
47.0
31.9
1.5KE22A
1N6279A
20.9
23.1
1.0
18.8
5.0
49.0
30.6
1.5KE24
1N6280
21.6
26.4
1.0
19.4
5.0
43.0
34.7
1.5KE24A
1N6280A
22.8
25.2
1.0
20.5
5.0
45.0
33.2
1.5KE27
1N6281
24.3
29.7
1.0
21.8
5.0
38.5
39.1
1.5KE27A
1N6281A
25.7
28.4
1.0
23.1
5.0
40.0
37.5
1.5KE30
1N6282
27.0
33.0
1.0
24.3
5.0
35.5
43.5
1.5KE30A
1N6282A
28.5
31.5
1.0
25.6
5.0
36.0
41.4
1.5KE33
1N6283
29.7
36.3
1.0
26.8
5.0
31.5
47.7
1.5KE33A
1N6283A
31.4
34.7
1.0
28.2
5.0
33.0
45.7
1.5KE36
1N6284
32.4
39.6
1.0
29.1
5.0
29.0
52.0
1.5KE36A
1N6284A
34.2
37.8
1.0
30.8
5.0
30.0
49.9
1.5KE39
1N6285
35.1
42.9
1.0
31.6
5.0
26.5
56.4
1.5KE39A
1N6285A
37.1
41.0
1.0
33.3
5.0
28.0
53.9
1.5KE43
1N6286
38.7
47.3
1.0
34.8
5.0
24.0
61.9
1.5KE43A
1N6286A
40.9
45.2
1.0
36.8
5.0
26.3
59.3
1.5KE47
1N6287
42.3
51.7
1.0
38.1
5.0
22.2
67.8
1.5KE47A
1N6287A
44.7
49.4
1.0
40.2
5.0
23.2
64.8
1.5KE51
1N6288
45.9
56.1
1.0
41.3
5.0
20.4
73.5
1.5KE51A
1N6288A
48.5
53.6
1.0
43.6
5.0
21.4
70.1
1.5KE56
1N6289
50.4
61.6
1.0
45.4
5.0
18.6
80.5
1.5KE56A
1N6289A
53.2
58.8
1.0
47.8
5.0
19.5
77.0
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - 1N6290

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6290 TRSYS-1N6290 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6290 VISHAY-1N6290 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
1N6290 LUGUANG-1N6290 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6290 DCCOM-1N6290 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6290 GOOD-ARK-1N6290 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1N6290

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com