Electronic Components Datasheet Search |
|
AC-162EGILB-H Datasheet(PDF) 3 Page - ZETTLER Electronics |
|
AC-162EGILB-H Datasheet(HTML) 3 Page - ZETTLER Electronics |
3 / 20 page 1 FEATURES (1) Display format : 16 characters × 2 lines (2) Construction : HTN/STN LCD panel, Bezel, Zebra and PCB. (3) Optional Array LED or EL back-light, white edge LED. (4) Controller : KS0066U or Equivalent. (5) 5V single power input. (Special request for 3.3V driving, built-in DC/DC converter.) (6) Normal / Extended temperature type. (7) Excellent LC : VOP maintains at 5V for whole temp. range, no need extra temp. compensation circuit. 2 NUMBERING SYSTEM AC-162E _ _ _ _ - _ 1 2 3 4 5 No Code Value Description Remark H HTN type LCD G STN gray type LCD Y STN yellow green type LCD 1 S STN negative type LCD LCD Type A Reflective type / 6:00 view B Reflective type / 12:00 view I Transflective type / 6:00 view J Transflective type / 12:00 view T Negative type / 6:00 view 2 U Negative type / 12:00 view Polarizer / Viewing Angel None Without backlight Q Edge type LED L Array type 5V LED 3 E EL Backlight type None Without backlight Y Yellow-green (LED) B Blue (EL) 4 W White (EL) (LED) Backlight color None Normal temperature type 5 H Extended temperature type LCM temperature type Date : 2001/12/12 AMPIRE CO., LTD. 3 |
Similar Part No. - AC-162EGILB-H |
|
Similar Description - AC-162EGILB-H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |