Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHC-S34 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # AHC-S34
Description  Amplifier Hybrid with Thin Film Coupler and Isolator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

AHC-S34 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  AHC-S34 Datasheet HTML 1Page - JDS Uniphase Corporation AHC-S34 Datasheet HTML 2Page - JDS Uniphase Corporation AHC-S34 Datasheet HTML 3Page - JDS Uniphase Corporation AHC-S34 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
AHC SERIES
Specifications
Parameter
Tap and
Tap and
1480 WDM
1480 WDM
980 WDM
980 WDM
One-Stage
Two-Stage
and One-Stage and Two-Stage
and One-Stage
and Two-Stage
Isolator
Isolator
Isolator
Isolator
Isolator
Isolator
Signal central wavelength,
λC
C, L or S
C, L or S
C, L or 1
C, L or 1
C, L or 1
C, L or 1
(C=1550 nm, L=1590 nm, 1=1570 nm, S=1510 nm)
Signal wavelength range,
λS
C, L or S
C, L or S
C, L or 1
C, L or 1
C, L or 1
C, L or 1
(C=1530 to 1580 nm, L=1590±20 nm, 1=C+L=1530 to 1610nm, S=1490 to 1530 nm)
Pump channel
N/A
N/A
1465 to 1495 nm 1465 to 1495 nm
950 to 1010 nm
950 to 1010 nm
wavelength range,
λP
Port configuration
Backward
Backward
Forward or
Forward or
Forward or
Forward or
(note1)
(note1)
backward
backward
backward
backward
(note2)
(note2)
(note2)
(note2)
Insertionlossat
λS(note3)
Max.
Seetableonpage2 Seetableonpage2 0.5 dB
0.6 dB
0.6 dB
0.7 dB
Wavelength dependent
Max.
0.2 dB
0.2 dB
0.15 dB
0.2 dB
0.15 dB
0.2 dB
variation at
λS and
C, L, or S bands (note3)
Wavelength dependent
Max.
NA
NA
0.25 dB
0.3 dB
0.25 dB
0.3 dB
variation at
λS and
C+L band (note3)
PDL at
λS (note3)
Max.
0.1 dB
0.2 dB
0.06 dB
0.08 dB
0.06 dB
0.08 dB
PMD at
λS (note3)
Max.
0.05 ps
0.05 ps
0.05 ps
0.05 ps
0.05 ps
0.05 ps
Isolation of isolator
Min.
30 dB
42 dB
30 dB
45 dB
30 dB
45 dB
at
λS (note4)
Isolation of WDM
Min.
N/A
N/A
30 dB
30 dB
30 dB
30 dB
at
λP (note5)
Insertionloss(CtoR)at
λP
Max.
Seetableonpage2 Seetableonpage2 0.4 dB
0.4 dB
0.6 dB
0.6 dB
PDL (C to R) at
λP
Max.
0.05 dB
0.05 dB
0.05 dB
0.05 dB
0.1 dB
0.1 dB
Directivity(PtoR)at
λS
Min.
60 dB
60 dB
60 dB
60 dB
60 dB
60 dB
Directivity(RtoP)at
λP
Min.
N/A
N/A
60 dB
60 dB
60 dB
60 dB
Optical return loss
Min.
50 dB
50 dB
50 dB
50 dB
50 dB
50 dB
Maximum optical
500 mW
500 mW
500 mW
500 mW
150 mW
150 mW
power (standard)
Maximum optical power
2000 mW
2000 mW
2000 mW
2000 mW
450 mW
450 mW
(high power option)
Tensile load
Max.
5 N
5 N
5 N
5 N
5 N
5 N
Operating temperature
-5 to 70 °C
Storage temperature
-40 to 85 °C
Package dimensions (D x L)
5.5 mm x 32 mm for bare fiber and 5.5 mm x 40 mm for bare fiber or loose tube
Fiber type
PureMode Hi 1060 for ports transmitting 980 nm (standard), SMF-28 for all others (standard)
Pigtail color code (bare fiber)
Black (C port); Clear (R & P ports)
Pigtail color code (loose tube)
Red (C port); Blue (R & P ports)
Device marking
JDSU logo, JDSU model name and device serial number
Note: Parameters are specified for the signal wavelength range and/or pump wavelength range, all polarization states and operating temperature range without connector.
1 Backward tap: C (input), R (tap) and P (output).
2. Backward pumped: C (
λS input and λP output), R (λP input) and P (λS output). Forward pumped: C (λS and λP output), R (λP input) and P (λS input).
3. Forward: P to C and Backward: C to P.
4. Forward: C to P and Backward: P to C. The isolation data are specified at 23 °C. The isolation range is
λc ± 12 nm or λc ± 30 nm for one-stage or two-stage isolator, respectively.
5. Isolation of WDM is given for both C to P and P to C directions.


Similar Part No. - AHC-S34

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AHC-12S ARCH-AHC-12S Datasheet
436Kb / 5P
   AC-DC Power Module
AHC-12S-DN ARCH-AHC-12S-DN Datasheet
204Kb / 2P
   AC-DC Power Module
AHC-12S-E1 ARCH-AHC-12S-E1 Datasheet
434Kb / 5P
   AC-DC Power Module
AHC-12S-E1 ARCH-AHC-12S-E1 Datasheet
273Kb / 3P
   AC-DC Power Module
AHC-15S ARCH-AHC-15S Datasheet
436Kb / 5P
   AC-DC Power Module
More results

Similar Description - AHC-S34

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
logo
OPLINK Communications I...
TCIHG1550S1 OPLINK-TCIHG1550S1 Datasheet
237Kb / 2P
   1550(1585)nm Tap Coupler/Isolator Hybrid Combination
WTIH1514S0121 OPLINK-WTIH1514S0121 Datasheet
164Kb / 2P
   1480/1550nm WDM/TAP Coupler/Isolator Hybrid Combination
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier
AM-184-AMC-184 MA-COM-AM-184-AMC-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
AM-176-AMC-176 MA-COM-AM-176-AMC-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier
AMC-183_V5 MA-COM-AMC-183_V5 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier
logo
Teledyne Technologies I...
PSA-6232 TELEDYNE-PSA-6232 Datasheet
168Kb / 4P
   Thin-Film Cascadable Amplifier
logo
M/A-COM Technology Solu...
AM-182-AMC-182 MA-COM-AM-182-AMC-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com