Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPS532M010 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # CDPS532M010
Description  Continuous Wave 532 nm Diode-Pumped Solid State Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CDPS532M010 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  CDPS532M010 Datasheet HTML 1Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 2Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 3Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 4Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 5Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CDPS532M
Dimensions Diagram: Laser Head
(Specifications in mm unless otherwise noted.)
HEAT DISSIPATED FROM THIS SURFACE
WAIST FRONT SURFACE
± 100 mm
BEAM IS POLARIZED
ORTHOGONAL TO MOUNTING
(>100:1) ± 5°
4X CLEARANCE AND C'BORE FOR
#6-32 X 1.5 CAP SCREW
ON BOTH TO AND EBOTTOM
15 PIN HIGH DENSITY
D-SUB CONNECTOR
6.350
25.400
19.050
11.113
15.875
19.050
38.100
25.400
50.800
6.985
90.678
101.600
25.400
19.050
10.795
16.510
38.100
PROVISION FOR Ø.3.175 REGISTRATION
PINS ON TOP AND BOTTOM
SURFACE ONLY
4X #6-32 X .20 DP


Similar Part No. - CDPS532M010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532S020 JDSU-CDPS532S020 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results

Similar Description - CDPS532M010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
   Blue Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
   Yellow Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
   Red Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
   Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com