Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPS532M010 Datasheet(PDF) 6 Page - JDS Uniphase Corporation

Part # CDPS532M010
Description  Continuous Wave 532 nm Diode-Pumped Solid State Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CDPS532M010 Datasheet(HTML) 6 Page - JDS Uniphase Corporation

  CDPS532M010 Datasheet HTML 1Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 2Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 3Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 4Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 5Page - JDS Uniphase Corporation CDPS532M010 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDPS532M
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10139555 Rev. 003 02/06 CDPS532M.DS.CL.AE
Compliance with Regulatory Requirements
Warranty
JDSU diode-pumped solid state lasers are warranted to be free of defects in
materials and workmanship for 12 months from the date of shipment, or
5,000 hours, whichever comes first.
The CDPS532M laser system is an OEM version of a JDS Uniphase diode-pumped solid state laser. As such, it is intended only
for integration into other equipment. The CDPS532M laser does not comply with Center for Devices and Radiological Health
(CDRH) standards. The customer is responsible for CDRH certification of any system that incorporates the CDPS532M laser.
This unit is designed and tested to comply with the following standards:
Electromagnetic Emissions (EN 50081-1) tested to standard EN CISPR 11:1999 + A1
Electromagnetic Immunity (EN 61000-6-2) tested to standard EN 61000-4-2 and EN 61000-4-3
Safety evaluation tested to standard UL 3101 and EN61010-1.
AVOID EXPOSURE
LASER RADIATION
IS EMITTED FROM
THIS APERTURE
LASER RADIATION
AVOID EXPOSURE TO BEAM
CLASS 3B LASER PRODUCT (IEC)
CLASS IIIb LASER PRODUCT (CDRH)
532NM / MAXIMUM POWER 500 mW
THIS LASER DOES NOT COMPLY WITH
21 CFR 1040 OR IEC 825. USE ONLY
AS A COMPONENT
02-000760_501


Similar Part No. - CDPS532M010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532S020 JDSU-CDPS532S020 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results

Similar Description - CDPS532M010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532S010 JDSU-CDPS532S010 Datasheet
216Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
   Blue Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
   Yellow Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
   Red Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
   Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com