Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6297A Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # 1N6297A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N6297A Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N6297A Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N6297A Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N6297A Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1.5KE6.8 THRU 1.5KE440A
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE:6.8- 440V
PEAK PULSE POWER:1500W
FEATURES
·1500 Watts Peak Power capability on
10/1000 us waveform
·Excellent clamping capability
·Low zener impedance
·Fast response time
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end (cathode)
except bidirectional types
·Mounting position: Any
·Weight: 1.2 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 1.5KE6.8C, 1.5KE440CA)
Electrical characteristcs apply in both directions
SYMBOL
VALUE
units
Peak Pulse Power Dissipation on 10/1000 us
waverform (Note. 1)
PPPM
Minmum 1500
W
Steady Stste Power Dissipation at TL=75°C lead
lengths .375
”(9.5mm) (Note 2)
PM(AV)
5.0
W
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method) (Note 3)
IFSM
200
A
Maximum Instantaneous Forward Voltage at 50A for
Unidirectional Only (Note 4)
VF
3.5/5.0
V
Notes: 1.
Non-repetitive current pulse, derated above TA=25
°C
2.
Mounted on Copper leaf area of 1.6
×1.6”(40×40mm)
3.
8.3ms single half sine-wave equivalent square wave, duty cycle = 4 pulses per minute maximum
4.
VF=3.5V max.for devices of V(BR) ≦200V and VF=6.5V max. for decices of V(BR) >200V
DO-27
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.335(8.5)
.220(5.6)
.187(5.0) DIA.
.052(1.3)
.048(1.2) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - 1N6297A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6297A TRSYS-1N6297A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6297A DAESAN-1N6297A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Gaomi Xinghe Electronic...
1N6297A GXELECTRONICS-1N6297A Datasheet
635Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6297A DCCOM-1N6297A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
1N6297A BILIN-1N6297A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6297A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com