Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDPS532S010 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # CDPS532S010
Description  Continuous Wave 532 nm Diode-Pumped Solid State Laser
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

CDPS532S010 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  CDPS532S010 Datasheet HTML 1Page - JDS Uniphase Corporation CDPS532S010 Datasheet HTML 2Page - JDS Uniphase Corporation CDPS532S010 Datasheet HTML 3Page - JDS Uniphase Corporation CDPS532S010 Datasheet HTML 4Page - JDS Uniphase Corporation CDPS532S010 Datasheet HTML 5Page - JDS Uniphase Corporation CDPS532S010 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
Parameter
Specification
Optical
Wavelength
532 ± 1 nm
Output power
CDPS532S-010
10 mW
CDPS532S-020
20 mW
Power stability (1 hour, 25±3 °C)
<1.5%
Mode quality M2
<1.3
Beam diameter (1/e2 point, at a distance of 250 mm)
1.9±0.2 mm
Beam divergence (full angle)
<8 mrad
Polarization ratio (E-vector is vertical)
>100:1
Noise (rms, 20 Hz to 1 MHz)
<0.5%
Ellipticity
<10%
Pointing stability (after 2 hour warm-up, 25±3 °C)
±30 µrad
Static alignment
Beam position
±1.0 mm
Beam angle
±1.5 °
Environmental
Base plate temperature
Operating
10 to 45 °C
Non-operating
0 to 60 °C
Shock (11 ms duration)
Operating
1 g
Non-operating
25 g
Vibration (sinusoidal, 5 to 500 Hz)
Operating
0.3 g
Non-operating
2 g
Heat sink requirements
Surface flatness
25 µm
Torque specification
0.5 Nm
4
4
CDPS532S


Similar Part No. - CDPS532S010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M020 JDSU-CDPS532M020 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
CDPS532M050 JDSU-CDPS532M050 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
More results

Similar Description - CDPS532S010

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
CDPS532M010 JDSU-CDPS532M010 Datasheet
240Kb / 6P
   Continuous Wave 532 nm Diode-Pumped Solid State Laser
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
logo
Roithner LaserTechnik G...
RLTMBL-457 ROITHNER-RLTMBL-457 Datasheet
323Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMBL-H-473 ROITHNER-RLTMBL-H-473 Datasheet
226Kb / 5P
   Blue Diode Pumped Solid State Laser
RLTMGL-593 ROITHNER-RLTMGL-593 Datasheet
196Kb / 5P
   Yellow Diode Pumped Solid State Laser
RLTMRL-660 ROITHNER-RLTMRL-660 Datasheet
226Kb / 4P
   Red Diode Pumped Solid State Laser
RLTMGL-532 ROITHNER-RLTMGL-532 Datasheet
411Kb / 5P
   Green Diode Pumped Solid State Laser
RLTMLL-532 ROITHNER-RLTMLL-532 Datasheet
169Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMRL-671 ROITHNER-RLTMRL-671 Datasheet
302Kb / 4P
   Green Diode Pumped Solid State Laser
RLTMLL-671 ROITHNER-RLTMLL-671 Datasheet
160Kb / 3P
   Green Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com