Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB6 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # DB6
Description  SILICON BIDIRECTIONAL DIAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

DB6 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  DB6 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONG PINGYANG ELECTRONICS CO.,LTD.
DB3 THRU DB6
SILICON BIDIRECTIONAL DIAC
VOLTAGE:36-70V
CURRENT:2.0A
FEATURES
Plastic passivalted three-layer for triggering thyristors.
Low breakover current at breakover voltage.
For use in thyristor phase-control circuit for
lampdimming,
universal-motor speed control and heat controls.
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity: Color band denotes cathode end
·Mounting position: Any
·Weight: 0.33 grams
Breakover
Voltage
VBO
Test
Current
ITRM
Min
Max
Breakover
Voltage
Symmetry
|+VBO|-
|-VBO|
Dynamic
Breakover
Voltage
|
±△V|
Output
Voltage
VO
Breakover
Current
IBO
Rise
Time
tr
Leakage
Current
IB
Type
A
V
V
V
V
V
μA
ms
mA
Case
Style
DB3
2
28
36
±3
5
5
100
1.5
10
DO-41
DB4
2
35
45
±3
5
5
100
1.5
10
DO-41
DB6
2
56
70
±4
10
5
100
1.5
10
DO-41
Notes:
1. Electrical characteristics applicable in both forward and reverse directions.
2. Connected in parallel with the devices.
DO-41
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.205(5.2)
.166(4.2)
1.0(25.4)
MIN.
.107(2.7)
.080(2.0) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - DB6

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
DB6 CHENYI-DB6 Datasheet
108Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Yangzhou yangjie electr...
DB6 YANGJIE-DB6 Datasheet
536Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
Shanghai Shunye Electro...
DB6 SY-DB6 Datasheet
458Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB6 MCC-DB6 Datasheet
413Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB6 GXELECTRONICS-DB6 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DB6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
   Silicon Bidirectional DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Shunye Electro...
DC34 SY-DC34 Datasheet
458Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
413Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
   SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com