Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7604-3308-331L Datasheet(PDF) 6 Page - ETAL Group

Part # P7604-3308-331L
Description  SHIELDED POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7604-3308-331L Datasheet(HTML) 6 Page - ETAL Group

  P7604-3308-331L Datasheet HTML 1Page - ETAL Group P7604-3308-331L Datasheet HTML 2Page - ETAL Group P7604-3308-331L Datasheet HTML 3Page - ETAL Group P7604-3308-331L Datasheet HTML 4Page - ETAL Group P7604-3308-331L Datasheet HTML 5Page - ETAL Group P7604-3308-331L Datasheet HTML 6Page - ETAL Group P7604-3308-331L Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P7604
ETALDOC 833/3
Page 6 of 7
December 2006
3316 size
Part Number
Inductance
(µH)
(1)
DCR (Ω) Max
SRF (MHz)
(2)
Rated Current
IRMS (A)
(3)
Isat (A)
(4)
P7604-3316-1R0M
1.0±20%
0.021
130
5.0
5.6
P7604-3316-1R5M
1.5±20%
0.022
110
4.5
5.2
P7604-3316-2R2M
2.2±20%
0.027
90
3.1
5.0
P7604-3316-3R0M
3.0±20%
0.030
65
2.9
3.9
P7604-3316-4R7M
4.7±20%
0.040
50
2.5
3.2
P7604-3316-6R8M
6.8±20%
0.055
30
2.2
2.8
P7604-3316-100M
10±20%
0.065
28
2.0
2.4
P7604-3316-120M
12±20%
0.080
25
1.8
2.2
P7604-3316-150M
15±20%
0.085
20
1.7
2.0
P7604-3316-180L
18±15%
0.090
19
1.6
1.8
P7604-3316-220L
22±15%
0.10
18
1.4
1.6
P7604-3316-270L
27±15%
0.12
16
1.3
1.5
P7604-3316-330L
33±15%
0.16
14
1.2
1.4
P7604-3316-390L
39±15%
0.18
12
1.05
1.2
P7604-3316-470L
47±15%
0.19
11
1.00
1.0
P7604-3316-560L
56±15%
0.21
10
0.90
0.95
P7604-3316-680L
68±15%
0.34
9.0
0.82
0.90
P7604-3316-820L
82±15%
0.38
8.0
0.75
0.85
P7604-3316-101K
100±10%
0.42
7.5
0.68
0.80
P7604-3316-121K
120±10%
0.46
7.0
0.60
0.70
P7604-3316-151K
150±10%
0.52
6.3
0.55
0.60
P7604-3316-181K
180±10%
0.70
5.5
0.50
0.65
P7604-3316-221K
220±10%
0.80
5.0
0.45
0.50
P7604-3316-271K
270±10%
1.1
4.5
0.40
0.45
P7604-3316-331K
330±10%
1.2
4.0
0.35
0.40
P7604-3316-391K
390±10%
1.4
3.8
0.33
0.35
P7604-3316-471K
470±10%
1.6
3.0
0.30
0.30
P7604-3316-561K
560±10%
1.8
2.7
0.28
0.28
P7604-3316-681K
680±10%
2.3
2.6
0.26
0.26
P7604-3316-821K
820±10%
2.6
2.5
0.24
0.24
P7604-3316-102K
1000±10%
3.2
2.0
0.22
0.22
P7604-3316-122K
1200±10%
3.6
2.0
0.20
0.20
P7604-3316-152K
1500±10%
5.2
1.6
0.17
0.17
P7604-3316-182K
1800±10%
5.7
1.4
0.16
0.16
P7604-3316-222K
2200±10%
6.5
1.4
0.40
0.40
P7604-3316-272K
2700±10%
8.6
1.2
0.12
0.12
P7604-3316-332K
3300±10%
10.0
1.2
0.10
0.10
Notes
1. Inductance measured at 100kHz, 100mV.
2. SRF (Self resonant Frequency) is typical and for reference only.
3. Rated current is the current at which the temperature rise is 40ºC typical.
4. Saturation Current, Isat, is the DC current at which the zero current inductance drops by 10% (typ).
5. Operating temperature -25ºC to +85ºC.
6. For non-standard inductance values, please contact Profec.


Similar Part No. - P7604-3308-331L

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
   P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
   HIGH POWER INDUCTOR
More results

Similar Description - P7604-3308-331L

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
   SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
   Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
   Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
   Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
   Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
   SHIELDED POWER INDUCTOR
08.05.09
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
   Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
   Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
   Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
   SHIELDED POWER INDUCTOR
logo
Allied Components Inter...
PCSN5D33 ALLIED-PCSN5D33 Datasheet
1Mb / 1P
   Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com